Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053C6 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32L053C6
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053C6 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32L053C6 Datasheet HTML 30Page - STMicroelectronics STM32L053C6 Datasheet HTML 31Page - STMicroelectronics STM32L053C6 Datasheet HTML 32Page - STMicroelectronics STM32L053C6 Datasheet HTML 33Page - STMicroelectronics STM32L053C6 Datasheet HTML 34Page - STMicroelectronics STM32L053C6 Datasheet HTML 35Page - STMicroelectronics STM32L053C6 Datasheet HTML 36Page - STMicroelectronics STM32L053C6 Datasheet HTML 37Page - STMicroelectronics STM32L053C6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 132 page
background image
Functional overview
STM32L053x6 STM32L053x8
34/132
DocID025844 Rev 7
3.19.2
Universal synchronous/asynchronous receiver transmitter (USART)
The two USART interfaces (USART1, USART2) are able to communicate at speeds of up to
4 Mbit/s.
They provide hardware management of the CTS, RTS and RS485 driver enable (DE)
signals, multiprocessor communication mode, master synchronous communication and
single-wire half-duplex communication mode. They also support SmartCard communication
(ISO 7816), IrDA SIR ENDEC, LIN Master/Slave capability, auto baud rate feature and has
a clock domain independent from the CPU clock, allowing to wake up the MCU from Stop
mode using baudrates up to 42 Kbaud.
All USART interfaces can be served by the DMA controller.
Table 12 for the supported modes and features of USART interfaces.
3.19.3
Low-power universal asynchronous receiver transmitter (LPUART)
The devices embed one Low-power UART. The LPUART supports asynchronous serial
communication with minimum power consumption. It supports half duplex single wire
SMBus
X
-
Wakeup from STOP
X
-
1. X = supported.
2. See Table 15: STM32L053x6/8 pin definitions on page 40 for the list of I/Os that feature Fast Mode Plus
capability
Table 11. STM32L053x6/8 I2C implementation (continued)
I2C features(1)
I2C1
I2C2
Table 12. USART implementation
USART modes/features(1)
1. X = supported.
USART1 and USART2
Hardware flow control for modem
X
Continuous communication using DMA
X
Multiprocessor communication
X
Synchronous mode(2)
2. This mode allows using the USART as an SPI master.
X
Smartcard mode
X
Single-wire half-duplex communication
X
IrDA SIR ENDEC block
X
LIN mode
X
Dual clock domain and wakeup from Stop mode
X
Receiver timeout interrupt
X
Modbus communication
X
Auto baud rate detection (4 modes)
X
Driver Enable
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com