Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053C6 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32L053C6
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053C6 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32L053C6 Datasheet HTML 93Page - STMicroelectronics STM32L053C6 Datasheet HTML 94Page - STMicroelectronics STM32L053C6 Datasheet HTML 95Page - STMicroelectronics STM32L053C6 Datasheet HTML 96Page - STMicroelectronics STM32L053C6 Datasheet HTML 97Page - STMicroelectronics STM32L053C6 Datasheet HTML 98Page - STMicroelectronics STM32L053C6 Datasheet HTML 99Page - STMicroelectronics STM32L053C6 Datasheet HTML 100Page - STMicroelectronics STM32L053C6 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 132 page
background image
DocID025844 Rev 7
97/132
STM32L053x6 STM32L053x8
Electrical characteristics
112
DNL(2)
Differential non linearity(4)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
-1.5
3
LSB
No RLOAD, CL ≤ 50 pF
DAC output buffer OFF
-1.5
3
INL(2)
Integral non linearity(5)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
-2
4
No RLOAD, CL ≤ 50 pF
DAC output buffer OFF
-2
4
Offset(2)
Offset error at code 0x800 (6)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
-±10
±25
No RLOAD, CL ≤ 50 pF
DAC output buffer OFF
-±5
±8
Offset1(2)
Offset error at code 0x001(7)
No RLOAD, CL ≤ 50 pF
DAC output buffer OFF
-±1.5
±5
dOffset/dT(2)
Offset error temperature
coefficient (code 0x800)
VDDA = 3.3V
VREF+= 3.0 V
TA = 0 to 50 ° C
DAC output buffer OFF
-20
-10
0
µV/°C
VDDA = 3.3V
VREF+= 3.0 V
TA = 0 to 50 ° C
DAC output buffer ON
020
50
Gain(2)
Gain error(8)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
-
+0.1 / -0.2% +0.2 / -0.5%
%
No RLOAD, CL ≤ 50 pF
DAC output buffer OFF
-
+0 / -0.2%
+0 / -0.4%
dGain/dT(2)
Gain error temperature
coefficient
VDDA = 3.3V
VREF+= 3.0 V
TA = 0 to 50 ° C
DAC output buffer OFF
-10
-2
0
µV/°C
VDDA = 3.3V
VREF+= 3.0 V
TA = 0 to 50 ° C
DAC output buffer ON
-40
-8
0
TUE(2)
Total unadjusted error
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
-12
30
LSB
No RLOAD, CL ≤ 50 pF
DAC output buffer OFF
-8
12
Table 65. DAC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com