Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L063C8 Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32L063C8
Description  Ultra-low-power platform
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L063C8 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32L063C8 Datasheet HTML 113Page - STMicroelectronics STM32L063C8 Datasheet HTML 114Page - STMicroelectronics STM32L063C8 Datasheet HTML 115Page - STMicroelectronics STM32L063C8 Datasheet HTML 116Page - STMicroelectronics STM32L063C8 Datasheet HTML 117Page - STMicroelectronics STM32L063C8 Datasheet HTML 118Page - STMicroelectronics STM32L063C8 Datasheet HTML 119Page - STMicroelectronics STM32L063C8 Datasheet HTML 120Page - STMicroelectronics STM32L063C8 Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 117 / 121 page
background image
DocID025660 Rev 6
117/121
STM32L063x8
Revision history
120
25-Jun-2014
3
ADC now guaranteed down to 1.65 V.
Cover page: updated core speed and added minimum supply voltage
for ADC, DAC and comparators.
Updated list of applications in Section 1: Introduction. Changed number
of I2S interfaces to one in Section 2: Description.
Updated RTC/TIM21 in Table 5: STM32L0xx peripherals interconnect
matrix.
Updated Table 2: Functionalities depending on the operating power
supply range.
Updated Section 3.4.1: Power supply schemes.
Updated VDDA in Table 24: General operating conditions.
Divided Table Current consumption in Run mode, code with data
processing running from Flash into Table 28 and Table 29; and content
updated. Divided Table Current consumption in Run mode, code with
data processing running from RAM into Table 30 and Table 31; and
content updated. Updated Table 32: Current consumption in Sleep
mode, Table 33: Current consumption in Low-power run mode,
Table 34: Current consumption in Low-power sleep mode, Table 35:
Typical and maximum current consumptions in Stop mode, Table 36:
Typical and maximum current consumptions in Standby mode, and
added Table 37: Average current consumption during Wakeup.
Updated Table 38: Peripheral current consumption in Run or Sleep
mode and added Table 39: Peripheral current consumption in Stop and
Standby mode.
Updated Table 46: HSI48 oscillator characteristics. Removed note 1
below Figure 18: HSE oscillator circuit diagram.
Modified tLOCK in Table 49: PLL characteristics.
Updated Table 51: Flash memory and data EEPROM characteristics
and Table 52: Flash memory and data EEPROM endurance and
retention.
Updated Table 60: I/O AC characteristics.
Updated Table 62: ADC characteristics.
Updated Figure 40: Thermal resistance and added note 1.
Table 85. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com