Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L063C8 Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32L063C8
Description  Ultra-low-power platform
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L063C8 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32L063C8 Datasheet HTML 113Page - STMicroelectronics STM32L063C8 Datasheet HTML 114Page - STMicroelectronics STM32L063C8 Datasheet HTML 115Page - STMicroelectronics STM32L063C8 Datasheet HTML 116Page - STMicroelectronics STM32L063C8 Datasheet HTML 117Page - STMicroelectronics STM32L063C8 Datasheet HTML 118Page - STMicroelectronics STM32L063C8 Datasheet HTML 119Page - STMicroelectronics STM32L063C8 Datasheet HTML 120Page - STMicroelectronics STM32L063C8 Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 121 page
background image
DocID025660 Rev 6
119/121
STM32L063x8
Revision history
120
08-Sep-2015
5
Removed note 1 in Table 1: Ultra-low-power STM32L063x8 device
features and peripheral counts.
Updated all pinout/ballout schematics to highlight pin/ball supplied
through VDD_USB.
Updated current consumption in Run mode in Section : Features.
Renamed BOOT1 into nBOOT1.
Changed USARTx_RTS into USARTx_RTS_DE and LPUARTx_RTS
into LPUARTx_RTS_DE.
Updated VLCD in section Analog to digital converter (ADC).
ADC no more available in Low-power run and Low-power Sleep modes
in Table 4: Functionalities depending on the working mode (from
Run/active down to standby).
Updated Figure 4: STM32L063x8 LQFP48 pinout - 7 x 7 mm and
Figure 3: STM32L063x8 LQFP64 pinout - 10 x 10 mm. Changed I/O
structure for PC5 in Table 15: STM32L063x8 pin definitions.
Updated VDD_USB in Table 24: General operating conditions.
Changed temperature condition in Table 7: Internal voltage reference
measured values and Table 26: Embedded internal reference voltage
calibration values.
Updated TCoeff in Table 27: Embedded internal reference voltage.
Added note related to Standby mode in Table 39: Peripheral current
consumption in Stop and Standby mode.
Updated Figure 13: IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Low-
power run mode, code running from RAM, Range 3, MSI (Range 0) at
64 KHz, 0 WS, Figure 14: IDD vs VDD, at TA= 25/55/ 85/105/125 °C,
Stop mode with RTC enabled and running on LSE Low drive and
Figure 15: IDD vs VDD, at TA= 25/55/85/105/125 °C, Stop mode with
RTC disabled, all clocks off.
Updated Table 40: Low-power mode wakeup timings.
Updated MSI oscillator temperature frequency drift in Table 48: MSI
oscillator characteristics.
Updated Table 53: EMS characteristics and Table 54: EMI
characteristics.
Added tUP_LDO in Table 62: ADC characteristics.
Updated Table 57: I/O current injection susceptibility, Table 58: I/O
static characteristics (Ilkg) and Table 60: I/O AC characteristics.
Section : Input/output AC characteristics: updated introduction and
Table 71: I2C analog filter characteristics.
Updated Figure 28: SPI timing diagram - slave mode and CPHA = 0,
Table 73: SPI characteristics in voltage Range 1, Table 74: SPI
characteristics in voltage Range 2 and Table 75: SPI characteristics in
voltage Range 3 and Table 76: I2S characteristics.
Added Section : Device marking for LQFP64 and Section : Device
marking for LQFP48.
Table 85. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com