Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L063C8 Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32L063C8
Description  Ultra-low-power platform
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L063C8 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32L063C8 Datasheet HTML 113Page - STMicroelectronics STM32L063C8 Datasheet HTML 114Page - STMicroelectronics STM32L063C8 Datasheet HTML 115Page - STMicroelectronics STM32L063C8 Datasheet HTML 116Page - STMicroelectronics STM32L063C8 Datasheet HTML 117Page - STMicroelectronics STM32L063C8 Datasheet HTML 118Page - STMicroelectronics STM32L063C8 Datasheet HTML 119Page - STMicroelectronics STM32L063C8 Datasheet HTML 120Page - STMicroelectronics STM32L063C8 Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 120 / 121 page
background image
Revision history
STM32L063x8
120/121
DocID025660 Rev 6
22-Mar-2016
6
Updated number of SPIs on cover page and in Table 1: Ultra-low-
power STM32L063x8 device features and peripheral counts.
Changed minimum comparator supply voltage to 1.65 V on cover page.
Added number of fast and standard channels in Section 3.12: Analog-
to-digital converter (ADC).
Changed LCD_VLCD1 into LCD_VLCD2 in Section 3.13.2: VLCD
voltage monitoring.
Updated Section 3.20.2: Universal synchronous/asynchronous receiver
transmitter (USART) and Section 3.20.4: Serial peripheral interface
(SPI)/Inter-integrated sound (I2S) to mention the fact that USARTs with
synchronous mode feature can be used as SPI master interfaces.
Added baudrate allowing to wake up the MCU from Stop mode in
Section 3.20.2: Universal synchronous/asynchronous receiver
transmitter (USART) and Section 3.20.3: Low-power universal
asynchronous receiver transmitter (LPUART).
In Section 6: Electrical characteristics, updated all the notes related to
values guaranteed by characterization.
Section 6.3.15: 12-bit ADC characteristics:
– Table 62: ADC characteristics:
Distinction made between VDDA for fast and standard channels;
added note 1.
Added note 4. related to RADC.
Updated fTRIG..
Updated tS and tCONV.
– Updated equation 1 description.
– Updated Table 63: RAIN max for fADC = 16 MHz for fADC = 16 MHz
and distinction made between fast and standard channels.
Added Table 72: USART/LPUART characteristics.
Updated RO and added Note 1. in Table 65: DAC characteristics.
Updated Figure 39: LQFP48 marking example (package top view).
Table 85. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com