Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151RC Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L151RC
Description  Reset and supply management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RC Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L151RC Datasheet HTML 1Page - STMicroelectronics STM32L151RC Datasheet HTML 2Page - STMicroelectronics STM32L151RC Datasheet HTML 3Page - STMicroelectronics STM32L151RC Datasheet HTML 4Page - STMicroelectronics STM32L151RC Datasheet HTML 5Page - STMicroelectronics STM32L151RC Datasheet HTML 6Page - STMicroelectronics STM32L151RC Datasheet HTML 7Page - STMicroelectronics STM32L151RC Datasheet HTML 8Page - STMicroelectronics STM32L151RC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
This is information on a product in full production.
March 2016
DocID022799 Rev 12
1/136
STM32L15xCC STM32L15xRC
STM32L15xUC STM32L15xVC
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,
256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
Datasheet
- production data
Features
• Ultra-low-power platform
– 1.65 V to 3.6 V power supply
– -40 °C to 105 °C temperature range
– 0.29µA Standby mode (3 wakeup pins)
– 1.15 µA Standby mode + RTC
– 0.44 µA Stop mode (16 wakeup lines)
– 1.4 µA Stop mode + RTC
– 8.6 µA Low-power run mode
– 185 µA/MHz Run mode
– 10 nA ultra-low I/O leakage
– 8 µs wakeup time
• Core: ARM® Cortex®-M3 32-bit CPU
– From 32 kHz up to 32 MHz max
– 1.25 DMIPS/MHz (Dhrystone 2.1)
– Memory protection unit
• Reset and supply management
– Low-power, ultrasafe BOR (brownout reset)
with 5 selectable thresholds
– Ultra-low-power POR/PDR
– Programmable voltage detector (PVD)
• Clock sources
– 1 to 24 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– High Speed Internal 16 MHz
factory-trimmed RC (+/- 1%)
– Internal Low-power 37 kHz RC
– Internal multispeed low-power 65 kHz to
4.2 MHz PLL for CPU clock and USB
(48 MHz)
• Pre-programmed bootloader
– USB and USART supported
• Development support
– Serial wire debug supported
– JTAG and trace supported
• Up to 83 fast I/Os (70 I/Os 5V tolerant), all
mappable on 16 external interrupt vectors
• Memories
– 256 KB Flash memory with ECC
– 32 KB RAM
– 8 KB of true EEPROM with ECC
– 128-byte backup register
• LCD Driver (except STM32L151xC devices) up
to 8x40 segments, contrast adjustment,
blinking mode, step-up converter
• Rich analog peripherals (down to 1.8 V)
– 2x operational amplifiers
– 12-bit ADC 1Msps up to 25 channels
– 12-bit DAC 2 channels with output buffers
– 2x ultra-low-power-comparators
(window mode and wake up capability)
• DMA controller 12x channels
• 9x peripheral communication interfaces
– 1x USB 2.0 (internal 48 MHz PLL)
– 3x USARTs
– Up to 8x SPIs (2x I2S, 3x 16 Mbit/s)
– 2x I2Cs (SMBus/PMBus)
• 11x timers: 1x 32-bit, 6x 16-bit with up to 4
IC/OC/PWM channels, 2x 16-bit basic timers,
2x watchdog timers (independent and window)
• Up to 23 capacitive sensing channels
• CRC calculation unit, 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM32L151CC
STM32L151RC(1)
STM32L151UC
STM32L151VC(1)
1.
For sales types ending with “A” and STM32L15xxC products
in WLCSP64 package, please refer to STM32L15xxC/C-A
datasheet.
STM32L151CCT6, STM32L151CCU6
STM32L151RCT6
STM32L151UCY6
STM32L151VCT6, STM32L151VCH6
STM32L152CC
STM32L152RC(1)
STM32L152UC
STM32L152VC(1)
STM32L152CCT6, STM32L152CCU6
STM32L152RCT6
STM32L152UCY6
STM32L152VCT6, STM32L152VCH6
LQFP100 (14 × 14 mm)
LQFP64 (10 × 10 mm)
LQFP48 (7 x 7 mm)
UFBGA100
(7 x 7 mm)
WLCSP63
(0.4 mm pitch)
UFQFPN48
(7x7 mm)
www.st.com


Similar Part No. - STM32L151RC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L151RC-A STMICROELECTRONICS-STM32L151RC-A Datasheet
1Mb / 134P
Ultra-low-power platform
18-Mar-2016
STM32L151RCT6 STMICROELECTRONICS-STM32L151RCT6 Datasheet
2Mb / 136P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
August 2017
STM32L151RCT6A STMICROELECTRONICS-STM32L151RCT6A Datasheet
1Mb / 136P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
01-Feb-2013
STM32L151RCT6A STMICROELECTRONICS-STM32L151RCT6A Datasheet
1Mb / 134P
Ultra-low-power platform
18-Mar-2016
STM32L151RCY6 STMICROELECTRONICS-STM32L151RCY6 Datasheet
1Mb / 134P
Ultra-low-power platform
18-Mar-2016
More results

Similar Description - STM32L151RC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
Clock, reset and supply management
07-Dec-2012
STM32F303RD STMICROELECTRONICS-STM32F303RD Datasheet
2Mb / 184P
Reset and supply management
08-Dec-2015
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
Clock, reset and supply management
12-Jul-2007
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
Clock, reset and supply management
03-Jan-2011
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
1Mb / 122P
Reset and supply management
12-May-2017
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
Clock, reset and supply management
29-Mar-2016
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
Clock, reset and supply management
04-Apr-2017
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
STM32L100RC STMICROELECTRONICS-STM32L100RC Datasheet
1Mb / 104P
Reset and supply management
09-Mar-2015
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
Reset and supply management
25-Apr-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com