Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 60Page - STMicroelectronics STM32F769I Datasheet HTML 61Page - STMicroelectronics STM32F769I Datasheet HTML 62Page - STMicroelectronics STM32F769I Datasheet HTML 63Page - STMicroelectronics STM32F769I Datasheet HTML 64Page - STMicroelectronics STM32F769I Datasheet HTML 65Page - STMicroelectronics STM32F769I Datasheet HTML 66Page - STMicroelectronics STM32F769I Datasheet HTML 67Page - STMicroelectronics STM32F769I Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 255 page
background image
Pinouts and pin description
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
64/255
DocID029041 Rev 4
-
Table 9. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and after
reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TTa
3.3 V tolerant I/O directly connected to ADC
B
Dedicated BOOT pin
RST
Bidirectional reset pin with weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and
ball definitions
Pin Number
Alternate functions
Additional
functions
STM32F765xx
STM32F767xx
STM32F768Ax
STM32F769xx
1
1
A2
1
1
A3
E10
1
1
A3
PE2
I/O FT
-
TRACECLK, SPI4_SCK,
SAI1_MCLK_A,
QUADSPI_BK1_IO2,
ETH_MII_TXD3,
FMC_A23, EVENTOUT
-
2
2
A1
2
2
A2
F10
2
2
A2
PE3
I/O FT
-
TRACED0, SAI1_SD_B,
FMC_A19, EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com