Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 23Page - STMicroelectronics STM32F769I Datasheet HTML 24Page - STMicroelectronics STM32F769I Datasheet HTML 25Page - STMicroelectronics STM32F769I Datasheet HTML 26Page - STMicroelectronics STM32F769I Datasheet HTML 27Page - STMicroelectronics STM32F769I Datasheet HTML 28Page - STMicroelectronics STM32F769I Datasheet HTML 29Page - STMicroelectronics STM32F769I Datasheet HTML 30Page - STMicroelectronics STM32F769I Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 255 page
background image
DocID029041 Rev 4
27/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Functional overview
53
The devices embed two dedicated PLL (PLLI2S and PLLSAI) which allow to achieve audio
class performance. In this case, the I2S and SAI master clock can generate all standard
sampling frequencies from 8 kHz to 192 kHz.
2.16
Boot modes
At startup, the boot memory space is selected by the BOOT pin and BOOT_ADDx option
bytes, allowing to program any boot memory address from 0x0000 0000 to 0x3FFF FFFF
which includes:
•
All Flash address space mapped on ITCM or AXIM interface
•
All RAM address space: ITCM, DTCM RAMs and SRAMs mapped on AXIM interface
•
The System memory bootloader
The boot loader is located in system memory. It is used to reprogram the Flash memory
through a serial interface. Refer to STM32 microcontroller system memory boot mode
application note (AN2606) for details.
2.17
Power supply schemes
•
VDD = 1.7 to 3.6 V: external power supply for I/Os and the internal regulator (when
enabled), provided externally through VDD pins.
•
VSSA, VDDA = 1.7 to 3.6 V: external analog power supplies for ADC, DAC, Reset
blocks, RCs and PLL. VDDA and VSSA must be connected to VDD and VSS, respectively.
•
VBAT = 1.65 to 3.6 V: power supply for RTC, external clock 32 kHz oscillator and
backup registers (through power switch) when VDD is not present.
Note:
VDD/VDDA minimum value of 1.7 V is obtained when the internal reset is OFF (refer to
Section 2.18.2: Internal reset OFF). Refer to Table 3: Voltage regulator configuration mode
versus device operating mode to identify the packages supporting this option.
•
VDDSDMMC can be connected either to VDD or an external independent power supply
(1.8 to 3.6V) for SDMMC2 pins (clock, command, and 4-bit data). For example, when
the device is powered at 1.8V, an independent power supply 2.7V can be connected to
VDDSDMMC.When the VDDSDMMC is connected to a separated power supply, it is
independent from VDD or VDDA but it must be the last supply to be provided and the first
to disappear. The following conditions VDDSDMMC must be respected:
–
During the power-on phase (VDD < VDD_MIN), VDDSDMMC should be always lower
than VDD
–
During the power-down phase (VDD < VDD_MIN), VDDSDMMC should be always
lower than VDD
–
The VDDSDMMC rising and falling time rate specifications must be respected (see
Table 20 and Table 21)
–
In operating mode phase, VDDSDMMC could be lower or higher than VDD:
All associated GPIOs powered by VDDSDMMC are operating between
VDDSDMMC_MIN and VDDSDMMC_MAX.
•
VDDUSB can be connected either to VDD or an external independent power supply (3.0
to 3.6V) for USB transceivers (refer to Figure 4 and Figure 5). For example, when the
device is powered at 1.8V, an independent power supply 3.3V can be connected to
VDDUSB. When the VDDUSB is connected to a separated power supply, it is independent
from VDD or VDDA but it must be the last supply to be provided and the first to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com