Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 45Page - STMicroelectronics STM32F769I Datasheet HTML 46Page - STMicroelectronics STM32F769I Datasheet HTML 47Page - STMicroelectronics STM32F769I Datasheet HTML 48Page - STMicroelectronics STM32F769I Datasheet HTML 49Page - STMicroelectronics STM32F769I Datasheet HTML 50Page - STMicroelectronics STM32F769I Datasheet HTML 51Page - STMicroelectronics STM32F769I Datasheet HTML 52Page - STMicroelectronics STM32F769I Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 255 page
background image
DocID029041 Rev 4
49/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Functional overview
53
2.42
Digital filter for Sigma-Delta Modulators (DFSDM)
The devices embed one DFSDM with 4 digital filters modules and 8 external input serial
channels (transceivers) or alternately 8 internal parallel inputs support. The DFSDM
peripheral is dedicated to interface the external Σ∆ modulators to microcontroller and then to
perform digital filtering of the received data streams (which represent analog value on Σ∆
modulators inputs). The DFSDM can also interface PDM (Pulse Density Modulation)
microphones and perform PDM to PCM conversion and filtering in hardware. The DFSDM
features optional parallel data stream inputs from microcontrollers memory (through
DMA/CPU transfers into DFSDM). The DFSDM transceivers support several serial interface
formats (to support various Σ∆ modulators). The DFSDM digital filter modules perform
digital processing according user selected filter parameters with up to 24-bit final ADC
resolution.
The DFSDM peripheral supports:
•
8 multiplexed input digital serial channels:
–
Configurable SPI interface to connect various SD modulator(s)
–
Configurable Manchester coded 1 wire interface support
–
PDM (Pulse Density Modulation) microphone input support
–
Maximum input clock frequency up to 20 MHz (10 MHz for Manchester coding)
–
Clock output for SD modulator(s): 0..20 MHz
•
Alternative inputs from 8 internal digital parallel channels (up to 16 bit input resolution):
–
internal sources: device memory data streams (DMA)
•
4 digital filter modules with adjustable digital signal processing:
–
Sincxfilter: filter order/type (1..5), oversampling ratio (up to 1..1024)
–
integrator: oversampling ratio (1..256)
•
Up to 24-bit output data resolution, signed output data format
•
Automatic data offset correction (offset stored in register by user)
•
Continuous or single conversion
•
Start-of-conversion triggered by:
–
Software trigger
–
Internal timers
–
External events
–
Start-of-conversion synchronously with first digital filter module (DFSDM0)
•
Analog watchdog feature:
–
Low value and high value data threshold registers
–
Dedicated configurable Sincx digital filter (order = 1..3, oversampling ratio = 1..32)
–
Input from final output data or from selected input digital serial channels
–
Continuous monitoring independently from standard conversion
•
Short circuit detector to detect saturated analog input values (bottom and top range):
–
Up to 8-bit counter to detect 1..256 consecutive 0’s or 1’s on serial data stream
–
Monitoring continuously each input serial channel
•
Break signal generation on analog watchdog event or on short circuit detector event
•
Extremes detector:
–
Storage of minimum and maximum values of final conversion data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com