Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 12Page - STMicroelectronics STM32F769I Datasheet HTML 13Page - STMicroelectronics STM32F769I Datasheet HTML 14Page - STMicroelectronics STM32F769I Datasheet HTML 15Page - STMicroelectronics STM32F769I Datasheet HTML 16Page - STMicroelectronics STM32F769I Datasheet HTML 17Page - STMicroelectronics STM32F769I Datasheet HTML 18Page - STMicroelectronics STM32F769I Datasheet HTML 19Page - STMicroelectronics STM32F769I Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 255 page
background image
Table 2. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx features and
peripheral counts
Peripherals
STM32F
765Vx
STM32F767
/769Vx
STM32F
765Zx
STM32F767
/769Zx
STM32F
769Ax
STM32F
768Ax
STM32F
765Ix
STM32F767
/769Ix
STM32F
765Bx
STM32F767
/769Bx
STM32F
765Nx
STM32F767
/769Nx
Flash memory in Kbytes
1024 2048 1024 2048 1024 2048 1024 2048 1024 2048
2048
1024 2048 1024 2048 1024 2048 1024 2048 1024 2048 1024 2048
SRAM in
Kbytes
System
512(368+16+128)
Instruction
16
Backup
4
FMC memory controller
Yes(1)
Quad-SPI
Yes
Ethernet
Yes
No
Yes
Timers
General-
purpose
10
Advanced-
control
2
Basic
2
Low-power
1
Random number generator
Yes
Communication
interfaces
SPI / I2S
4/3 (simplex)(2)
6/3 (simplex)(2)
I2C
4
USART/UART
4/4
USB OTG FS
Yes
USB OTG HS
Yes
CAN
3
SAI
2
SPDIFRX
4 inputs
SDMMC1
Yes
SDMMC2
Yes(3)
Camera interface
Yes
MIPI-DSI Host(4)
No
Yes
No
Yes
No
Yes
No
Yes
LCD-TFT
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com