Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 125 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 121Page - STMicroelectronics STM32F769I Datasheet HTML 122Page - STMicroelectronics STM32F769I Datasheet HTML 123Page - STMicroelectronics STM32F769I Datasheet HTML 124Page - STMicroelectronics STM32F769I Datasheet HTML 125Page - STMicroelectronics STM32F769I Datasheet HTML 126Page - STMicroelectronics STM32F769I Datasheet HTML 127Page - STMicroelectronics STM32F769I Datasheet HTML 128Page - STMicroelectronics STM32F769I Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 255 page
background image
DocID029041 Rev 4
125/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
Table 27. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (Single bank mode) or SRAM on AXI (L1-cache disabled),
regulator ON
Symbol
Parameter
Conditions
fHCLK (MHz)
Typ
Max(1)
Unit
TA= 25 °C TA=85 °C TA=105 °C
IDD
Supply
current in
RUN mode
All peripherals
enabled(2)(3)
216
190
209
255
-
mA
200
177
194
241
268
180
160
175
211
232
168
144
156
189
209
144
115
125
152
170
60
56
62
89
107
25
27
32
59
79
All peripherals
disabled(3)
216
92
103
150
-
200
86
96
243
171
180
79
87
123
144
168
71
79
111
131
144
60
65
92
110
60
32
36
63
80
25
16
20
46
64
1. Guaranteed by characterization results, unless otherwise specified.
2. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, an additional power consumption
should be considered.
3. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.73 mA per ADC
for the analog part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com