Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 151 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 147Page - STMicroelectronics STM32F769I Datasheet HTML 148Page - STMicroelectronics STM32F769I Datasheet HTML 149Page - STMicroelectronics STM32F769I Datasheet HTML 150Page - STMicroelectronics STM32F769I Datasheet HTML 151Page - STMicroelectronics STM32F769I Datasheet HTML 152Page - STMicroelectronics STM32F769I Datasheet HTML 153Page - STMicroelectronics STM32F769I Datasheet HTML 154Page - STMicroelectronics STM32F769I Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 255 page
background image
DocID029041 Rev 4
151/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
Figure 35. PLL output clock waveforms in down spread mode
5.3.13
MIPI D-PHY characteristics
The parameters given in Table 51 and Table 52 are derived from tests performed under
temperature and VDD supply voltage conditions summarized in Table 17.
Table 51. MIPI D-PHY characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Hi-Speed Input/Output Characteristics
UINST
UI instantaneous
-
2
-
12.5
ns
VCMTX
HS transmit common mode
voltage
-
150
200
250
mV
|ΔVCMTX|
VCMTX mismatch when output
is Differential-1 or Differential-0
--
-
5
|VOD|
HS transmit differential voltage
-
140
200
270
|ΔVOD|
VOD mismatch when output is
Differential-1 or Differential-0
--
-
14
VOHHS
HS output high voltage
-
-
-
360
ZOS
Single ended output
impedance
-
40
50
62.5
Ω
ΔZOS
Single ended output
impedance mismatch
--
-
10
%
tHSr & tHSf 20%-80% rise and fall time
-
100
-
0.35*UI
ps
LP Receiver Input Characteristics
VIL
Logic 0 input voltage (not in
ULP State)
-
-
-
550
mV
VIL-ULPS
Logic 0 input voltage in ULP
State
-
-
-
300
VIH
Input high level voltage
-
880
-
-
Vhys
Voltage hysteresis
-
25
-
-
LP Emitter Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com