Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 158 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 158 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 154Page - STMicroelectronics STM32F769I Datasheet HTML 155Page - STMicroelectronics STM32F769I Datasheet HTML 156Page - STMicroelectronics STM32F769I Datasheet HTML 157Page - STMicroelectronics STM32F769I Datasheet HTML 158Page - STMicroelectronics STM32F769I Datasheet HTML 159Page - STMicroelectronics STM32F769I Datasheet HTML 160Page - STMicroelectronics STM32F769I Datasheet HTML 161Page - STMicroelectronics STM32F769I Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
158/255
DocID029041 Rev 4
tBE
Bank erase time
Program/erase
parallelism (PSIZE) = x 8
-16
32
s
Program/erase
parallelism (PSIZE) = x 16
-11
22
Program/erase
parallelism (PSIZE) = x 32
-8
16
Vprog
Programming voltage
32-bit program operation
2.7
-
3
V
16-bit program operation
2.1
-
3.6
V
8-bit program operation
1.7
-
3.6
V
1. Guaranteed by characterization results.
2. The maximum programming time is measured after 100K erase operations.
Table 58. Flash memory programming with VPP
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
1. Guaranteed by design.
Unit
tprog
Double word programming
TA = 0 to +40 °C
VDD = 3.3 V
VPP = 8.5 V
-
16
100(2)
2. The maximum programming time is measured after 100K erase operations.
μs
tERASE32KB Sector (32 KB) erase time
-
180
-
ms
tERASE128KB Sector (128 KB) erase time
-
450
-
tERASE256KB Sector (256 KB) erase time
-
900
-
tME
Mass erase time
-
6.9
-
s
Vprog
Programming voltage
-
2.7
-
3.6
V
VPP
VPP voltage range
-
7
-
9
V
IPP
Minimum current sunk on
the VPP pin
-10
-
-
mA
tVPP(3)
3. VPP should only be connected during programming/erasing.
Cumulative time during
which VPP is applied
-
-
-
1
hour
Table 59. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Value
Unit
Min(1)
NEND
Endurance
TA = –40 to +85 °C (6 suffix versions)
TA = –40 to +105 °C (7 suffix versions)
10
kcycles
tRET
Data retention
1 kcycle(2) at TA = 85 °C
30
Years
1 kcycle(2) at TA = 105 °C
10
10 kcycles(2) at TA = 55 °C
20
Table 57. Flash memory programming (dual bank configuration
nDBANK=0) (continued)
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1) Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com