Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 167 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 167 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 163Page - STMicroelectronics STM32F769I Datasheet HTML 164Page - STMicroelectronics STM32F769I Datasheet HTML 165Page - STMicroelectronics STM32F769I Datasheet HTML 166Page - STMicroelectronics STM32F769I Datasheet HTML 167Page - STMicroelectronics STM32F769I Datasheet HTML 168Page - STMicroelectronics STM32F769I Datasheet HTML 169Page - STMicroelectronics STM32F769I Datasheet HTML 170Page - STMicroelectronics STM32F769I Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 255 page
background image
DocID029041 Rev 4
167/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
Figure 39. I/O AC characteristics definition
11
fmax(IO)out Maximum frequency(3)
CL = 30 pF, VDD ≥ 2.7 V
-
-
100(4)
MHz
CL = 30 pF, VDD ≥ 1.8 V
-
-
50
CL = 30 pF, VDD ≥ 1.7 V
-
-
42.5
CL = 10 pF, VDD≥ 2.7 V
-
-
180(4)
CL = 10 pF, VDD ≥ 1.8 V
-
-
100
CL = 10 pF, VDD ≥ 1.7 V
-
-
72.5
tf(IO)out/
tr(IO)out
Output high to low level fall
time and output low to high
level rise time
CL = 30 pF, VDD ≥ 2.7 V
-
-
4
ns
CL = 30 pF, VDD ≥1.8 V
-
-
6
CL = 30 pF, VDD ≥1.7 V
-
-
7
CL = 10 pF, VDD ≥ 2.7 V
-
-
2.5
CL = 10 pF, VDD ≥1.8 V
-
-
3.5
CL = 10 pF, VDD ≥1.7 V
-
-
4
-
tEXTIpw
Pulse width of external signals
detected by the EXTI
controller
-10
-
-
ns
1. Guaranteed by design.
2. The I/O speed is configured using the OSPEEDRy[1:0] bits. Refer to the STM32F76xxx and STM32F77xxx reference
manual for a description of the GPIOx_SPEEDR GPIO port output speed register.
3. The maximum frequency is defined in Figure 39.
4. For maximum frequencies above 50 MHz and
VDD > 2.4 V, the compensation cell should be used.
Table 67. I/O AC characteristics(1)(2) (continued)
OSPEEDRy
[1:0] bit
value(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com