Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 175 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 175 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 171Page - STMicroelectronics STM32F769I Datasheet HTML 172Page - STMicroelectronics STM32F769I Datasheet HTML 173Page - STMicroelectronics STM32F769I Datasheet HTML 174Page - STMicroelectronics STM32F769I Datasheet HTML 175Page - STMicroelectronics STM32F769I Datasheet HTML 176Page - STMicroelectronics STM32F769I Datasheet HTML 177Page - STMicroelectronics STM32F769I Datasheet HTML 178Page - STMicroelectronics STM32F769I Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 255 page
background image
DocID029041 Rev 4
175/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
5.3.25
Temperature sensor characteristics
5.3.26
VBAT monitoring characteristics
5.3.27
Reference voltage
The parameters given in Table 80 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 17.
Table 77. Temperature sensor characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL(1)
VSENSE linearity with temperature
-
±1
±2°C
Avg_Slope(1) Average slope
-
2.5
-
mV/°C
V25(1)
Voltage at 25 °C
-
0.76
-
V
tSTART(2)
Startup time
-
6
10
μs
TS_temp(2)
ADC sampling time when reading the temperature (1 °C accuracy)
10
-
-
μs
1. Guaranteed by characterization results.
2. Guaranteed by design.
Table 78. Temperature sensor calibration values
Symbol
Parameter
Memory address
TS_CAL1
TS ADC raw data acquired at temperature of 30 °C, VDDA= 3.3 V
0x1FF0 F44C - 0x1FF0 F44D
TS_CAL2
TS ADC raw data acquired at temperature of 110 °C, VDDA= 3.3 V 0x1FF0 F44E - 0x1FF0 F44F
Table 79. VBAT monitoring characteristics
Symbol
Parameter
Min
Typ
Max
Unit
R
Resistor bridge for VBAT
-50-
K
Ω
Q
Ratio on VBAT measurement
-
4
-
Er(1)
Error on Q
–1
-
+1
%
TS_vbat(2)(2)
ADC sampling time when reading the VBAT
1 mV accuracy
5-
-
μs
1. Guaranteed by design.
2. Shortest sampling time can be determined in the application by multiple iterations.
Table 80. internal reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltage
–40 °C < TA < +105 °C
1.18
1.21
1.24
V
TS_vrefint(1)
ADC sampling time when reading the
internal reference voltage
-10
-
-
μs
VRERINT_s(2)
Internal reference voltage spread over the
temperature range
VDD = 3V ± 10mV
-
3
5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com