Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 252 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 252 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 247Page - STMicroelectronics STM32F769I Datasheet HTML 248Page - STMicroelectronics STM32F769I Datasheet HTML 249Page - STMicroelectronics STM32F769I Datasheet HTML 250Page - STMicroelectronics STM32F769I Datasheet HTML 251Page - STMicroelectronics STM32F769I Datasheet HTML 252Page - STMicroelectronics STM32F769I Datasheet HTML 253Page - STMicroelectronics STM32F769I Datasheet HTML 254Page - STMicroelectronics STM32F769I Datasheet HTML 255Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 252 / 255 page
background image
Ordering information
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
252/255
DocID029041 Rev 4
7
Ordering information
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 136. Ordering information scheme
Example:
STM32
F
76x V
G T
6 xxx
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
F = general-purpose
Device subfamily
765= STM32F765xx, USB OTG FS/HS, camera interface, Ethernet
767= STM32F767xx, USB OTG FS/HS, camera interface,
Ethernet, LCD-TFT
768 = STM32F768Ax, USB OTG FS/HS, camera interface,
DSI host, WLCSP with internal regulator OFF
769= STM32F769xx, USB OTG FS/HS, camera interface,
Ethernet, DSI host
Pin count
V = 100 pins
Z = 144 pins
I = 176 pins
A = 180 pins
B = 208 pins
N = 216 pins
Flash memory size
G = 1024 Kbytes of Flash memory
I = 2048 Kbytes of Flash memory
Package
T = LQFP
K = UFBGA
H = TFBGA
Y = WLCSP
Temperature range
6 = Industrial temperature range, –40 to 85 °C.
7 = Industrial temperature range, –40 to 105 °C.
Options
xxx = programmed parts
TR = tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com