Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7010 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF7010
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7010 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF7010 Datasheet HTML 2Page - Analog Devices ADF7010 Datasheet HTML 3Page - Analog Devices ADF7010 Datasheet HTML 4Page - Analog Devices ADF7010 Datasheet HTML 5Page - Analog Devices ADF7010 Datasheet HTML 6Page - Analog Devices ADF7010 Datasheet HTML 7Page - Analog Devices ADF7010 Datasheet HTML 8Page - Analog Devices ADF7010 Datasheet HTML 9Page - Analog Devices ADF7010 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
–6–
ADF7010
PIN FUNCTION DESCRIPTIONS (continued)
Pin No.
Mnemonic
Function
15
OSC1
Oscillator Pin. For use with crystal reference only. This is three-stated when an external reference oscillator
is used.
16
VCOGND
Voltage Controlled Oscillator Ground
17
TEST
Input to the RF fractional-N divider. This pin allows the user to connect an external VCO to the part.
Disabling the internal VCO activates this pin. If the internal VCO is used, this pin should be grounded.
18
DVDD
Positive Supply for the Digital Circuitry. This must be between 2.3 V and 3.6 V. Decoupling capacitors
to the analog ground plane should be placed as close as possible to this pin.
19
RFGND
Ground for Output Stage of Transmitter
20
RFOUT
The modulated signal is available at this pin. Output power levels are from –16 dBm to +12 dBm. The
output should be impedance matched to the desired load using suitable components. See the Output RF
Stage section.
21
AGND
Ground Pin for the RF Analog Circuitry
22
VCOIN
The tuning voltage on this pin determines the output frequency of the Voltage Controlled Oscillator
(VCO). The higher the tuning voltage the higher the output frequency.
23
CVCO
A 0.22
mF capacitor should be added to reduce noise on VCO bias lines. Tied to CREG pin.
24
CREG
A 2.2
mF capacitor should be added at CREG to reduce regulator noise and improve stability. A reduced
capacitor will improve regulator power-on time but may cause higher spurious components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com