Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7010 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF7010
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7010 Datasheet(HTML) 3 Page - Analog Devices

  ADF7010 Datasheet HTML 1Page - Analog Devices ADF7010 Datasheet HTML 2Page - Analog Devices ADF7010 Datasheet HTML 3Page - Analog Devices ADF7010 Datasheet HTML 4Page - Analog Devices ADF7010 Datasheet HTML 5Page - Analog Devices ADF7010 Datasheet HTML 6Page - Analog Devices ADF7010 Datasheet HTML 7Page - Analog Devices ADF7010 Datasheet HTML 8Page - Analog Devices ADF7010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
ADF7010
–3–
Parameter
Min
Typ
Max
Unit
PHASE-LOCKED LOOP
VCO Gain
80
MHz/V @ 915 MHz
Phase Noise (In-Band)
4
–80
dBc/Hz @ 5 kHz Offset
Phase Noise (Out of Band)
5
–100
dBc/Hz @ 1 MHz Offset
Spurious
100 kHz Loop BW
Integer Boundary
6
–55
dBc, 50 kHz Loop
Reference
–50
dBc
Harmonics
7
–14
dBc
Second Harmonic VDD = 3.0 V
–27
–18
dBc
Third Harmonic VDD = 3.0 V
–21
–18
dBc
All Other Harmonics
–35
dBc
REFERENCE INPUT
Crystal Reference
3.625
20
MHz
External Oscillator
3.625
40
MHz
Input Level, High Voltage
0.7
VDD
V
Input Level, Low Voltage
0.2
VDD
V
FREQUENCY COMPENSATION
Pull In Range of Register
1
100
ppm
PA CHARACTERISTICS
RF Output Impedance
High Range Amplifier
16 – j33
W, ZREF = 50 W
TIMING INFORMATION
Chip Enabled to Regulator Ready
7
50
200
ms
Crystal Oscillator to CLKOUT OK
2
ms, 19.2 MHz Xtal
TEMPERATURE RANGE, TA
–40
+85
C
NOTES
1Operating temperature range is as follows: –40
∞C to +85∞C.
2 Frequency Deviation = (PFD Frequency
Mod Deviation )/2
12.
3 GFSK Frequency Deviation = (PFD Frequency
2
m )/212 where m = Mod Control.
4 V
DD = 3 V, PFD = 19.2 MHz, PA = 8 dBm
5 V
DD = 3 V, Loop Filter BW = 100 kHz
6 Measured >1 MHz away from integer channel. See Successful Design with ADF7010 Transmitter application note.
7 Not production tested. Based on characterization.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com