Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7010 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF7010
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7010 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF7010 Datasheet HTML 9Page - Analog Devices ADF7010 Datasheet HTML 10Page - Analog Devices ADF7010 Datasheet HTML 11Page - Analog Devices ADF7010 Datasheet HTML 12Page - Analog Devices ADF7010 Datasheet HTML 13Page - Analog Devices ADF7010 Datasheet HTML 14Page - Analog Devices ADF7010 Datasheet HTML 15Page - Analog Devices ADF7010 Datasheet HTML 16Page - Analog Devices ADF7010 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
ADF7010
–13–
FUNCTION REGISTER
M4
M3
M2
M1
MUXOUT
0
0
0
0
LOGIC LOW
0
0
0
1
LOGIC HIGH
0
0
1
0
THREE-STATE
0
0
1
1
REGULATOR READY (DEFAULT)
0
1
0
0
DIGITAL LOCK DETECT
0
1
0
1
ANALOG LOCK DETECT
0
1
1
0
R DIVIDER / 2 OUTPUT
0
1
1
1
N DIVIDER / 2 OUTPUT
1
0
0
0
RF R DIVIDER OUTPUT
1
0
0
1
RF N DIVIDER OUTPUT
1
0
1
0
DATA RATE
1
0
1
1
LOGIC LOW
1
1
0
0
LOGIC LOW
1
1
0
1
LOGIC LOW
1
1
1
0
NORMAL TEST MODES
1
1
1
1
SIGMA-DELTA TEST MODES
I1
DATA INVERT
0
DATA
1
DATA
CP2
CP1
ICP (mA)
2.7k
4.7k
10k
0
0
0.50
0.29
0.14
0
1
1.50
0.87
0.41
1
0
2.51
1.44
0.68
1
1
3.51
2.02
0.95
CP4
CP FLOCK DOWN
0BLEED OFF
1BLEED ON
VP1
VCO DISABLE
0
VCO ON
1
VCO OFF
MUXOUT
TEST MODES
CHARGE
PUMP
FAST LOCK
CONTROL
BITS
T6
T7
T8
T9
RSET
CP3
CP FLOCK UP
0BLEED OFF
1BLEED ON
PD1
PLL ENABLE
0
PLL OFF
1
PLL ON
PD2
PA ENABLE
0PA OFF
1PA ON
PD3
CLKOUT
0CLKOUT OFF
1CLKOUT ON
C2 (1)
DB19 DB18 DB17
DB16
DB14
DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB20
DB21
DB23
DB22
T2
T3
T4
T5
T1
M2
M3
M4
M1
VP1
CP4
C2
CP3
C1
PD3
I1
PD2
PD1
C1 (1)
DB15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com