Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7010 Datasheet(PDF) 2 Page - Analog Devices

Part # ADF7010
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7010 Datasheet(HTML) 2 Page - Analog Devices

  ADF7010 Datasheet HTML 1Page - Analog Devices ADF7010 Datasheet HTML 2Page - Analog Devices ADF7010 Datasheet HTML 3Page - Analog Devices ADF7010 Datasheet HTML 4Page - Analog Devices ADF7010 Datasheet HTML 5Page - Analog Devices ADF7010 Datasheet HTML 6Page - Analog Devices ADF7010 Datasheet HTML 7Page - Analog Devices ADF7010 Datasheet HTML 8Page - Analog Devices ADF7010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
ADF7010–SPECIFICATIONS1
(VDD = 2.3 V to 3.6 V, GND = 0 V, TA = TMIN to TMAX, unless otherwise noted. Typical
specifications are at VDD = 3 V, TA = 25 C.)
Parameter
Min
Typ
Max
Unit
RF CHARACTERISTICS
Output Frequency Ranges
U.S. ISM Band
902
928
MHz
Phase Frequency Detector Frequency
3.625
20
MHz @ 928 MHz
TRANSMISSION PARAMETERS
Transmit Rate
FSK
0.3
76.8
kbps
ASK
0.3
9.6
kbps
GFSK
0.3
76.8
kbps
Frequency Shift Keying
FSK Separation
2, 3
1
110
kHz, Using 3.625 MHz PFD
4.88
620
kHz, Using 20 MHz PFD
Gaussian Filter t
0.5
Amplitude Shift Keying Depth
30
dB, Max Output Power 2 dBm
On/Off Keying
40
dB
Output Power
Output Power Variation
Max Power Setting
9
12
dBm, VDD = 3.6 V
11
dBm, VDD = 3.0 V
9.5
dBm, VDD = 2.3 V
Programmable Step Size
–16 dBm to +12 dBm
0.3125
dB
LOGIC INPUTS
VINH, Input High Voltage
0.7
VDD
V
VINL, Input Low Voltage
0.2
VDD
V
IINH/IINL, Input Current
1
mA
CIN, Input Capacitance
10
pF
Control Clock Input
50
MHz
LOGIC OUTPUTS
VOH, Output High Voltage
DVDD – 0.4
V, IOH = 500
mA
VOL, Output Low Voltage
0.4
V, IOL = 500
mA
CLKOUT Rise/Fall Time
16
ns, FCLK = 4.8 MHz into 10 pF
CLKOUT Mark: Space Ratio
50:50
POWER SUPPLIES
Voltage Supply
DVDD
2.3
3.6
V
Transmit Current Consumption
–20 dBm (0.01 mW)
12
mA
–10 dBm (0.1 mW)
15
mA
0 dBm (1 mW)
20
mA
+8 dBm (6.3 mW)
28
mA
+12 dBm (16 mW)
40
mA
Crystal Oscillator Block Current
Consumption
190
mA
Regulator Current Consumption
380
mA
Power-Down Mode
Low Power Sleep Mode
0.2
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com