Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 131Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 132Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 133Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 134Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 135Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 136Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 137Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 138Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 255 page
background image
DocID028294 Rev 4
135/255
STM32F777xx STM32F778Ax STM32F779xx
Electrical characteristics
224
On-chip peripheral current consumption
The MCU is placed under the following conditions:
•
At startup, all I/O pins are in analog input configuration.
•
All peripherals are disabled unless otherwise mentioned.
•
I/O compensation cell enabled.
•
The ART/L1-cache is ON.
•
Scale 1 mode selected, internal digital voltage V12 = 1.32 V.
•
HCLK is the system clock. fPCLK1 = fHCLK/4, and fPCLK2 = fHCLK/2.
The given value is calculated by measuring the difference of current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
–fHCLK = 216 MHz (Scale 1 + over-drive ON), fHCLK = 168 MHz (Scale 2),
fHCLK = 144 MHz (Scale 3)
•
Ambient operating temperature is 25 °C and VDD=3.3 V.
IDDIO
I/O switching
Current
CEXT = 22 pF
C = CINT + CS + CEXT
2
0.3
0.1
mA
8
1.0
0.5
25
3.5
1.6
50
5.9
4.2
60
10.0
4.4
84
19.12
5.8
90
19.6
-
CEXT = 33 pF
C = CINT + CS + CEXT
2
0.3
0.2
8
1.3
0.7
25
3.5
2.3
50
10.26
5.19
60
16.53
-
1. CINT + CS, PCB board capacitance including the pad pin is estimated to15 pF.
Table 38. Switching output I/O current consumption(1) (continued)
Symbol
Parameter
Conditions
I/O toggling
frequency (fsw)
MHz
Typ
VDD = 3.3 V
Typ
VDD = 1.8 V
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com