Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 46Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 47Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 48Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 49Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 50Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 51Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 52Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 53Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 255 page
background image
Functional overview
STM32F777xx STM32F778Ax STM32F779xx
50/255
DocID028294 Rev 4
•
Automatic data offset correction (offset stored in register by user)
•
Continuous or single conversion
•
Start-of-conversion triggered by:
–
Software trigger
–
Internal timers
–
External events
–
Start-of-conversion synchronously with first digital filter module (DFSDM0)
•
Analog watchdog feature:
–
Low value and high value data threshold registers
–
Dedicated configurable Sincx digital filter (order = 1..3, oversampling ratio = 1..32)
–
Input from final output data or from selected input digital serial channels
–
Continuous monitoring independently from standard conversion
•
Short circuit detector to detect saturated analog input values (bottom and top range):
–
Up to 8-bit counter to detect 1..256 consecutive 0’s or 1’s on serial data stream
–
Monitoring continuously each input serial channel
•
Break signal generation on analog watchdog event or on short circuit detector event
•
Extremes detector:
–
Storage of minimum and maximum values of final conversion data
–
Refreshed by software
•
DMA capability to read the final conversion data
•
Interrupts: end of conversion, overrun, analog watchdog, short circuit, input serial
channel clock absence
•
“regular” or “injected” conversions:
–
“regular” conversions can be requested at any time or even in continuous mode
without having any impact on the timing of “injected” conversions
–
“injected” conversions for precise timing and with high conversion priority
2.44
Temperature sensor
The temperature sensor has to generate a voltage that varies linearly with the temperature.
The conversion range is between 1.7 V and 3.6 V. The temperature sensor is internally
connected to the same input channel as VBAT, ADC1_IN18, which is used to convert the
sensor output voltage into a digital value. When the temperature sensor and VBAT
conversion are enabled at the same time, only VBAT conversion is performed.
As the offset of the temperature sensor varies from chip to chip due to process variation, the
internal temperature sensor is mainly suitable for applications that detect temperature
changes instead of absolute temperatures. If an accurate temperature reading is needed,
then an external temperature sensor part should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com