Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 17Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 18Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 19Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 20Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 21Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 22Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 23Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 24Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 255 page
background image
DocID028294 Rev 4
21/255
STM32F777xx STM32F778Ax STM32F779xx
Functional overview
53
2.3
Embedded Flash memory
The STM32F777xx, STM32F778Ax and STM32F779xx devices embed a Flash memory of
up to 2 Mbytes available for storing programs and data. The Flash interface features:
•
Single /or Dual bank operating modes,
•
Read-While-Write (RWW) in Dual bank mode.
2.4
CRC (cyclic redundancy check) calculation unit
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code using a
configurable generator polynomial value and size.
Among other applications, CRC-based techniques are used to verify data transmission or
storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a means of
verifying the Flash memory integrity. The CRC calculation unit helps compute a signature of
the software during runtime, to be compared with a reference signature generated at link-
time and stored at a given memory location.
2.5
Embedded SRAM
All the devices feature:
•
System SRAM up to 512 Kbytes:
–
SRAM1 on AHB bus Matrix: 368 Kbytes
–
SRAM2 on AHB bus Matrix: 16 Kbytes
–
DTCM-RAM on TCM interface (Tighly Coupled Memory interface): 128 Kbytes for
critical real-time data.
•
Instruction RAM (ITCM-RAM) 16 Kbytes:
–
It is mapped on TCM interface and reserved only for CPU Execution/Instruction
useful for critical real-time routines.
The Data TCM RAM is accessible by the GP-DMAs and peripherals DMAs through specific
AHB slave of the CPU.The instruction TCM RAM is reserved only for CPU. It is accessed at
CPU clock speed with 0 wait states.
•
4 Kbytes of backup SRAM
This area is accessible only from the CPU. Its content is protected against possible
unwanted write accesses, and is retained in Standby or VBAT mode.
2.6
AXI-AHB bus matrix
The STM32F777xx, STM32F778Ax and STM32F779xx system architecture is based on 2
sub-systems:
•
An AXI to multi AHB bridge converting AXI4 protocol to AHB-Lite protocol:
–
3x AXI to 32-bit AHB bridges connected to AHB bus matrix
–
1x AXI to 64-bit AHB bridge connected to the embedded Flash memory
•
A multi-AHB Bus-Matrix
–
The 32-bit multi-AHB bus matrix interconnects all the masters (CPU, DMAs,
Ethernet, USB HS, LCD-TFT, and DMA2D) and the slaves (Flash memory, RAM,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com