Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 34Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 35Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 36Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 37Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 38Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 39Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 40Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 41Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 255 page
background image
Functional overview
STM32F777xx STM32F778Ax STM32F779xx
38/255
DocID028294 Rev 4
Table 6. Timer feature comparison
Timer
type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complem
entary
output
Max
interface
clock
(MHz)
Max
timer
clock
(MHz)(1)
Advanced
-control
TIM1,
TIM8
16-bit
Up,
Down,
Up/down
Any
integer
between 1
and 65536
Yes
4
Yes
108
216
General
purpose
TIM2,
TIM5
32-bit
Up,
Down,
Up/down
Any
integer
between 1
and 65536
Yes
4
No
54
108/216
TIM3,
TIM4
16-bit
Up,
Down,
Up/down
Any
integer
between 1
and 65536
Yes
4
No
54
108/216
TIM9
16-bit
Up
Any
integer
between 1
and 65536
No
2
No
108
216
TIM10,
TIM11
16-bit
Up
Any
integer
between 1
and 65536
No
1
No
108
216
TIM12
16-bit
Up
Any
integer
between 1
and 65536
No
2
No
54
108/216
TIM13,
TIM14
16-bit
Up
Any
integer
between 1
and 65536
No
1
No
54
108/216
Basic
TIM6,
TIM7
16-bit
Up
Any
integer
between 1
and 65536
Yes
0
No
54
108/216
1. The maximum timer clock is either 108 or 216 MHz depending on TIMPRE bit configuration in the RCC_DCKCFGR
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com