Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 12Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 13Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 14Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 15Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 16Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 17Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 18Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 19Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 255 page
background image
Table 2. STM32F777xx, STM32F778Ax and STM32F779xx features and peripheral counts
Peripherals
STM32F77xVx
STM32F77xZx
STM32F779Ax
STM32F778Ax
STM32F77xIx
STM32F77xBx
STM32F77xNx
Flash memory in Kbytes
1024
2048
1024
2048
1024
2048
2048
1024
2048
1024
2048
1024
2048
SRAM in Kbytes
System
512(368+16+128)
Instruction
16
Backup
4
FMC memory controller
Yes(1)
Quad-SPI
Yes
Ethernet
Yes
No
Yes
Timers
General-purpose
10
Advanced-control
2
Basic
2
Low-power
1
Random number generator
Yes
Communication
interfaces
SPI / I2S
4/3 (simplex)(2)
6/3 (simplex)(2)
I2C
4
USART/UART
4/4
USB OTG FS
Yes
USB OTG HS
Yes
CAN
3
SAI
2
SPDIFRX
4 inputs
SDMMC1
Yes
SDMMC2
Yes(3)
Camera interface
Yes
MIPI-DSI Host(4)
No
Yes
LCD-TFT
Yes
Chrom-ART Accelerator™ (DMA2D)
Yes
JPEG codec
Yes
Cryptography
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com