Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 161Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 162Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 163Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 164Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 165Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 166Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 167Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 168Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 255 page
background image
DocID028294 Rev 4
165/255
STM32F777xx STM32F778Ax STM32F779xx
Electrical characteristics
224
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 39 and
Table 67, respectively.
Table 66. Output voltage characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL(1)
1. The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 15.
and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for an I/O pin
CMOS port(2)
IIO = +8 mA
2.7 V ≤ VDD ≤ 3.6 V
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
-
0.4
V
VOH(3)
3. The IIO current sourced by the device must always respect the absolute maximum rating specified in
Table 15 and the sum of IIO (I/O ports and control pins) must not exceed IVDD.
Output high level voltage for an I/O pin
except PC14
CMOS port(2)
IIO = -8 mA
2.7 V ≤ VDD ≤ 3.6 V
VDD 0.4
-
VOH(3) Output high level voltage for PC14
CMOS port(2)
IIO = -2 mA
2.7 V ≤ VDD ≤ 3.6 V
VDD 0.4
VOL (1) Output low level voltage for an I/O pin
TTL port(2)
IIO =+8mA
2.7 V ≤ VDD ≤ 3.6 V
-
0.4
V
VOH (3)
Output high level voltage for an I/O pin
except PC14
TTL port(2)
IIO =-8mA
2.7 V ≤ VDD ≤ 3.6 V
2.4
-
VOL(1) Output low level voltage for an I/O pin
IIO = +20 mA
2.7 V ≤ VDD ≤ 3.6 V
-
1.3(4)
4. Based on characterization data.
V
VOH(3)
Output high level voltage for an I/O pin
except PC14
IIO = -20 mA
2.7 V ≤ VDD ≤ 3.6 V
VDD 1.3(4)
-
VOL(1) Output low level voltage for an I/O pin
IIO = +6 mA
1.8 V ≤ VDD ≤ 3.6 V
-
0.4(4)
V
VOH(3)
Output high level voltage for an I/O pin
except PC14
IIO = -6 mA
1.8 V ≤ VDD ≤ 3.6 V
VDD 0.4(4)
-
VOL(1) Output low level voltage for an I/O pin
IIO = +4 mA
1.7 V ≤ VDD ≤ 3.6V
-
0.4(5)
5. Guaranteed by design.
V
VOH(3)
Output high level voltage for an I/O pin
except PC14
IIO = -4 mA
1.7 V ≤ VDD ≤ 3.6V
VDD 0.4(5)
-
VOH(3) Output high level voltage for PC14
IIO = -1 mA
1.7 V ≤ VDD ≤ 3.6V
VDD 0.4(5)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com