Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 195 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 195 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 191Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 192Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 193Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 194Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 195Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 196Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 197Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 198Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 255 page
background image
DocID028294 Rev 4
195/255
STM32F777xx STM32F778Ax STM32F779xx
Electrical characteristics
224
The MDIO controller is mapped on APB2 domain. The frequency of the APB bus should at
least 1.5 times the MDC frequency: FPCLK2 ≥ 1.5 * FMDC
Figure 60. MDIO Slave timing diagram
CAN (controller area network) interface
Refer to Section 5.3.20: I/O port characteristics for more details on the input/output alternate
function characteristics (CANx_TX and CANx_RX).
5.3.30
FMC characteristics
Unless otherwise specified, the parameters given in Table 100 to Table 113 for the FMC
interface are derived from tests performed under the ambient temperature, fHCLK frequency
and VDD supply voltage conditions summarized in Table 17, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5VDD
1. Guaranteed by characterization results.
Table 99. MDIO Slave timing parameters
Symbol
Parameter
Min
Typ
Max
Unit
FsDC
Management Data clock
-
-
40
MHz
td(MDIO)
Management Data input/output output valid time
78
20
ns
tsu(MDIO) Management Data input/output setup time
4-
-
th(MDIO)
Management Data input/output hold time
1-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com