Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 220 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 220 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 216Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 217Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 218Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 219Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 220Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 221Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 222Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 223Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 255 page
background image
Electrical characteristics
STM32F777xx STM32F778Ax STM32F779xx
220/255
DocID028294 Rev 4
5.3.34
Digital filter for Sigma-Delta Modulators (DFSDM) characteristics
Unless otherwise specified, the parameters given in Table 122 for DFSDM are derived from
tests performed under the ambient temperature, fPCLK2 frequency and VDD supply voltage
summarized in Table 17, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30pF
•
Measurement points are done at CMOS levels: 0.5 x VDD
Refer to Section 5.3.20: I/O port characteristics for more details on the input/output alternate
function characteristics (DFSDM1_CKINx, DFSDM1_DATINx, DFSDM1_CKOUT for
DFSDM1).
Table 122. DFSDM measured timing 1.71-3.6V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fDFSDMCLK
DFSDM clock
1.71 < VDD < 3.6 V
-
-
fSYSCLK
MHz
fCKIN
(1/TCKIN)
Input clock
frequency
SPI mode (SITP[1:0]=0,1),
External clock mode
(SPICKSEL[1:0]=0),
1.71 < VDD < 3.6 V
--
20
(fDFSDMCLK/4)
SPI mode (SITP[1:0]=0,1),
External clock mode
(SPICKSEL[1:0]=0),
2.7 < VDD < 3.6 V
--
20
(fDFSDMCLK/4)
SPI mode (SITP[1:0]=0,1),
Internal clock mode
(SPICKSEL[1:0]
≠0),
1.71 < VDD < 3.6 V
--
20
(fDFSDMCLK/4)
SPI mode (SITP[1:0]=0,1),
Internal clock mode
(SPICKSEL[1:0]
≠0),
2.7 < VDD < 3.6 V
--
20
(fDFSDMCLK/4)
fCKOUT
Output clock
frequency
1.71 < VDD < 3.6 V
-
-
20
DuCyCKOUT
Output clock
frequency duty
cycle
1.71 < VDD < 3.6 V
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com