Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 242 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 242 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 238Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 239Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 240Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 241Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 242Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 243Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 244Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 245Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 246Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 255 page
background image
Package information
STM32F777xx STM32F778Ax STM32F779xx
242/255
DocID028294 Rev 4
Table 129. WLCSP 180-bump, 5.5 x 6 mm, 0.4 mm pitch wafer level chip scale
package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.525
0.555
0.585
0.0207
0.0219
0.230
A1
-
0.175
-
-
0.0069
-
A2
-
0.380
-
-
0.0150
-
A3
-
0.025
-
-
0.0010
-
b(2)
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
0.220
0.250
0.280
0.0087
0.0098
0.0110
D
5.502
5.537
5.572
0.2166
0.2180
0.2194
E
6.060
6.095
6.130
0.2386
0.2400
0.2413
e
-
0.400
-
-
0.0157
-
e1
-
4.800
-
-
0.1890
-
e2
-
5.200
-
-
0.2047
-
F
-
0.368
-
-
0.0145
-
G
-
0.477
-
-
0.0188
-
aaa
-
0.110
-
-
0.0043
-
bbb
-
0.110
-
-
0.0043
-
ccc
-
0.110
-
-
0.0043
-
ddd
-
0.050
-
-
0.0020
-
eee
-
0.050
-
-
0.0020
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com