Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 254 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 254 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 247Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 248Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 249Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 250Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 251Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 252Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 253Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 254Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 255Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 254 / 255 page
background image
Revision history
STM32F777xx STM32F778Ax STM32F779xx
254/255
DocID028294 Rev 4
Revision history
Table 138. Document revision history
Date
Revision
Changes
21-Mar-2016
1
Initial release.
26-Apr-2016
2
DFSDM replaced by DFSDM1 in:
– Table 10: STM32F777xx, STM32F778Ax and STM32F779xx pin and
ball definitions.
– Table 12: STM32F777xx, STM32F778Ax and STM32F779xx
alternate function mapping .
– Table 13: STM32F777xx, STM32F778Ax and STM32F779xx register
boundary addresses.
– Section 5.3.34: Digital filter for Sigma-Delta Modulators (DFSDM)
characteristics.
Updated Table 2: STM32F777xx, STM32F778Ax and STM32F779xx
features and peripheral counts adding DFSDM1 features.
Updated Table 39: Peripheral current consumption adding DFSDM1
current consumption.
Updated cover in 2 pages.
Updated cover replacing for SPI ‘
up to 50 Mbit/s’ by ‘up to 54 Mbit/s’.
06-May-2016
3
Updated Table 2: STM32F777xx, STM32F778Ax and STM32F779xx
features and peripheral counts GPIO number.
Updated Table 12: STM32F777xx, STM32F778Ax and STM32F779xx
alternate function mapping adding CAN3_RX alternate function on
PA8/AF11.
22-Dec-2016
4
Updated Table 97: Dynamics characteristics: Ethernet MAC signals for
RMII.
Updated Table 71: ADC characteristics sampling rate.
Updated all the notes removing ‘not tested in production’.
Updated Figure 46: SPI timing diagram - slave mode and CPHA = 0 and
Figure 47: SPI timing diagram - slave mode and CPHA = 1(1) with
modified NSS timing waveforms (among other changes).
Updated Table 121: LTDC characteristics clock output frequency at
65 MHz.
Updated Section 5.2: Absolute maximum ratings.
Updated Section 6: Package information adding information about other
optional marking or inset/upset marks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com