Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

eZ80F91 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # eZ80F91
Description  Factory-default operating clock frequency at 50 MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

eZ80F91 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button eZ80F91 Datasheet HTML 9Page - Zilog, Inc. eZ80F91 Datasheet HTML 10Page - Zilog, Inc. eZ80F91 Datasheet HTML 11Page - Zilog, Inc. eZ80F91 Datasheet HTML 12Page - Zilog, Inc. eZ80F91 Datasheet HTML 13Page - Zilog, Inc. eZ80F91 Datasheet HTML 14Page - Zilog, Inc. eZ80F91 Datasheet HTML 15Page - Zilog, Inc. eZ80F91 Datasheet HTML 16Page - Zilog, Inc. eZ80F91 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PS026102-1207
Pin Description
Zdots® SBC for eZ80AcclaimPlus!™ Connectivity ASSP
Product Specification
9
9VCC
3.3 V supply input pin.
10
GND
VSS/Ground (0 V).
11
PB7
Bidirectional
12
PB6
Bidirectional
13
PB5
Bidirectional
14
PB4
Bidirectional
15
PB3
Bidirectional
16
PB2
Bidirectional
17
PB1
Bidirectional
18
PB0
Bidirectional
19
GND
VSS/Ground (0 V).
20
PC7
Bidirectional
21
PC6
Bidirectional
22
PC5
Bidirectional
23
PC4
Bidirectional
24
PC3
Bidirectional
25
PC2
Bidirectional
26
PC1
Bidirectional
27
PC0
Bidirectional
28
PD7
Bidirectional
29
PD6
Bidirectional
30
GND
VSS/Ground (0 V).
31
PD5
Bidirectional
32
PD4
PD 4 k
Ω
Bidirectional
33
PD3
Bidirectional
34
PD2
Bidirectional
35
PD1
Bidirectional
36
PD0
Bidirectional
37
TDO
Output
JTAG Data Output pin.
Table 2. Zdots Input/Output Connector Pin Identification* (Continued)
Pin No
Symbol
Pull
Up/Down
Signal
Direction
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com