Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

eZ80F91 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # eZ80F91
Description  Factory-default operating clock frequency at 50 MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

eZ80F91 Datasheet(HTML) 5 Page - Zilog, Inc.

  eZ80F91 Datasheet HTML 1Page - Zilog, Inc. eZ80F91 Datasheet HTML 2Page - Zilog, Inc. eZ80F91 Datasheet HTML 3Page - Zilog, Inc. eZ80F91 Datasheet HTML 4Page - Zilog, Inc. eZ80F91 Datasheet HTML 5Page - Zilog, Inc. eZ80F91 Datasheet HTML 6Page - Zilog, Inc. eZ80F91 Datasheet HTML 7Page - Zilog, Inc. eZ80F91 Datasheet HTML 8Page - Zilog, Inc. eZ80F91 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PS026102-1207
Zdots® SBC for eZ80AcclaimPlus!™ Connectivity ASSP
Zdots® SBC for eZ80AcclaimPlus!™ Connectivity ASSP
Product Specification
1
Zdots® SBC for eZ80AcclaimPlus!™
Connectivity ASSP
Zilog’s Zdots® Single Board Computer (SBC) for eZ80AcclaimPlus!™Connectivity
Application Specific Standard Product (ASSP) is a compact, high-performance Ethernet
SBC specially designed for the rapid development and deployment of embedded systems
requiring control and internet/intranet connectivity.
This expandable module is powered by Zilog’s latest power-efficient, high-speed,
optimized pipeline architecture eZ80F91 connectivity ASSP, a member of
eZ80AcclaimPlus! Zilog® family.
eZ80F91 is a high-speed single-cycle instruction-fetch microcontroller, which operates
with a clock speed of 50 MHz. It can also operate in Z80®-compatible addressing mode
(64 KB) or full 24-bit addressing mode (16 MB).
The peripheral-rich Zdots SBC makes it suitable for a variety of applications including
industrial control, IrDA connectivity, communication, security, automation, point-of-sale
terminals, and embedded networking applications.
Zdots® SBC for eZ80AcclaimPlus!
TM Connectivity ASSP Features
Features of Zdots SBC for eZ80AcclaimPlus! Connectivity ASSP include:
• Factory-default operating clock frequency at 50 MHz
• 10/100 Base-T Ethernet PHY with RJ45 connector
• 512 KB fast SRAM
• 256 KB on-chip Flash memory
• 1 MB OFF-chip NOR Flash memory
• Battery-backed Real-Time Clock
• Input/Output connector which provides 32 general-purpose 5 V-tolerant I/O pinouts
• Zilog’s industry-leading IrDA transceiver—Zilog ZHX1810
• Onboard connector provides I/O bus for external peripheral connections (IRQ, CS, 24 ad-
dress, and 8 data)
• Low-cost connection to carrier board via two 2x30 pin headers
• Small footprint 63.5 mm x 78.7 mm
• 3.3 V power supply
• Standard operating temperature range: 0 ºC to +70 ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com