Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

eZ80F91 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # eZ80F91
Description  Factory-default operating clock frequency at 50 MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

eZ80F91 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button eZ80F91 Datasheet HTML 2Page - Zilog, Inc. eZ80F91 Datasheet HTML 3Page - Zilog, Inc. eZ80F91 Datasheet HTML 4Page - Zilog, Inc. eZ80F91 Datasheet HTML 5Page - Zilog, Inc. eZ80F91 Datasheet HTML 6Page - Zilog, Inc. eZ80F91 Datasheet HTML 7Page - Zilog, Inc. eZ80F91 Datasheet HTML 8Page - Zilog, Inc. eZ80F91 Datasheet HTML 9Page - Zilog, Inc. eZ80F91 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
PS026102-1207
Zdots® SBC for eZ80AcclaimPlus!™ Connectivity ASSP
Zdots® SBC for eZ80AcclaimPlus!™ Connectivity ASSP
Product Specification
2
eZ80AcclaimPlus!TM Connectivity ASSP Features
Features of eZ80AcclaimPlus! Connectivity ASSP include:
• Single-cycle instruction fetch, high-performance, pipelined eZ80® CPU core
• 256 KB of Flash memory and 8 KB of SRAM
• 10/100 Mbps Ethernet MAC with 8 KB frame buffer
• Low power features including SLEEP mode, HALT mode, and selective peripheral
power-down control
• Two UARTs with independent baud rate generators and support for 9-bit operation
• SPI with independent clock generator
• I2C with independent clock generator
• Infrared data association (IrDA)-compliant infrared encoder/decoder
• New DMA-like eZ80 instructions for efficient block data transfer
• External interface with four chip selects, individual wait state generators, and an external
WAIT input pin—supports Intel- and Motorola-style buses
• Flexible-priority vectored interrupts (both internal and external) and interrupt controller
• Real-time clock with on-chip 32 kHz oscillator, selectable 50/60 Hz input, and separate
VDD pin for battery backup
• Four 16-bit Counter/Timers with prescalers and direct input/output drive
• Watchdog Timer (WDT)
• 32 bits of general-purpose input/output (GPIO)
• JTAG and ZDI debug interfaces
• 144-pin LQFP package
• Supply voltage of 3.0 V to 3.6 V with 5 V tolerant inputs
• Standard operating temperature range: 0 ºC to +70 ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com