Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

eZ80F91 Datasheet(PDF) 18 Page - Zilog, Inc.

Part # eZ80F91
Description  Factory-default operating clock frequency at 50 MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

eZ80F91 Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button eZ80F91 Datasheet HTML 14Page - Zilog, Inc. eZ80F91 Datasheet HTML 15Page - Zilog, Inc. eZ80F91 Datasheet HTML 16Page - Zilog, Inc. eZ80F91 Datasheet HTML 17Page - Zilog, Inc. eZ80F91 Datasheet HTML 18Page - Zilog, Inc. eZ80F91 Datasheet HTML 19Page - Zilog, Inc. eZ80F91 Datasheet HTML 20Page - Zilog, Inc. eZ80F91 Datasheet HTML 21Page - Zilog, Inc. eZ80F91 Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
PS026102-1207
Onboard Component Description
Zdots® SBC for eZ80AcclaimPlus!™ Connectivity ASSP
Product Specification
14
going into High-Z mode, that is, after the end of the eZ80F91 Read access to Flash, it
takes 8.8 ns+25 ns = 33.8 ns before Flash stops driving the data bus. At this point, the
eZ80F91 device is already well into the next bus cycle.
Consider the next cycle to be Memory Write. During the Memory Write cycle, data (out-
put) from the eZ80F91 device is valid not later than T3 = 7.5 ns, and the Write pulse is
asserted not later than 4.5 ns after the falling edge of the Clock (14.5 ns from the rising
edge if Clock is 50 MHz). It means that during TCON = (33.8 ns – 7.5 ns) = 26.3 ns; two
devices drive the common Data Bus—the eZ80F91 device and Flash. In turn, data that is
being written during the Write operation might be corrupted. The part used to isolate a
slow Flash data bus from a fast eZ80F91 bus has 5.5 ns turn-off time, which reduces 25 ns
part of the TCON to 5.5 ns. As a result, bus contention still occurs, but its duration is not
26.3 ns, as described in the following equation:
Data being written is not corrupted because the Write pulse is not yet asserted.
Figure 4. Bus Contention without the Zdots Fast Buffer Feature
Time of contention
8.8 ns-7.5 ns 5.5 ns
+
()
6.8 ns
=
=
Clock
-CS0
F91 Data
Bus
-RD
Data IN
Data OUT
-WR
-CS1
FLash
Data Bus
Bus contention
T6
Tod
T3
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com