Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3071 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3071
Description  COMBO II Programmable PCM CODEC/Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3071 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button TP3071 Datasheet HTML 2Page - National Semiconductor (TI) TP3071 Datasheet HTML 3Page - National Semiconductor (TI) TP3071 Datasheet HTML 4Page - National Semiconductor (TI) TP3071 Datasheet HTML 5Page - National Semiconductor (TI) TP3071 Datasheet HTML 6Page - National Semiconductor (TI) TP3071 Datasheet HTML 7Page - National Semiconductor (TI) TP3071 Datasheet HTML 8Page - National Semiconductor (TI) TP3071 Datasheet HTML 9Page - National Semiconductor (TI) TP3071 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Programmable Functions (Continued)
vice is powered-up or down by setting the “P” bit as indi-
cated. When the power-up or down control is entered as a
single byte instruction, bit one (1) must be reset to a 0.
When a power-up command is given, all de-activated circuits
are activated, but the TRI-STATE PCM output(s), D
X0 (and
D
X1), will remain in the high impedance state until the sec-
ond FS
X pulse after power-up.
2.0 CONTROL REGISTER INSTRUCTION
The first byte of a READ or WRITE instruction to the Control
Register is as shown in
Table 1. The second byte has the fol-
lowing bit functions:
TABLE 2. Control Register Byte 2 Functions
Bit Number and Name
76
5
43210
Function
F1
F0
MA
IA
DN
DL
AL
PP
0
0
MCLK = 512 kHz
0
1
MCLK = 1.536
or 1.544 MHz
1
0
MCLK = 2.048 MHz
(Note 4)
1
1
MCLK = 4.096 MHz
0
X
Select µ-255 law (Note 4)
1
0
A-law, Including Even
Bit Inversion
1
1
A-law, No Even Bit Inversion
0
Delayed Data Timing
1
Non-Delayed Data
Timing (Note 4)
0
0
Normal Operation
(Note 4)
1
X
Digital Loopback
0
1
Analog Loopback
0
Power Amp Enabled in PDN
1
Power Amp Disabled in
PDN (Note 4)
Note 4: State at power-on initialization. (Bit 4 = 0)
2.1 Master Clock Frequency Selection
A Master clock must be provided to COMBO II for operation
of the filter and coding/decoding functions. The MCLK fre-
quency must be either 512 kHz, 1.536 MHz, 1.544 MHz,
2.048 MHz, or 4.096 MHz and must be synchronous with
BCLK. Bits F
1 and F0 (see Table 2) must be set during initial-
ization to select the correct internal divider.
2.2 Coding Law Selection
Bits “MA” and “IA” in
Table 2 permit the selection of µ255
coding or A-law coding, with or without even bit inversion.
2.3 Analog Loopback
Analog Loopback mode is entered by setting the “AL” and
“DL” bits in the Control Register as shown in
Table 2.Inthe
analog loopback mode, the Transmit input VF
XI is isolated
from the input pin and internally connected to the VF
RO out-
put, forming a loop from the Receive PCM Register back to
the Transmit PCM Register. The VF
RO pin remains active,
and the programmed settings of the Transmit and Receive
gains remain unchanged, thus care must be taken to ensure
that overload levels are not exceeded anywhere in the loop.
Hybrid balance must be disabled for meaningful analog loop-
back function.
2.4 Digital Loopback
Digital Loopback mode is entered by setting the “AL” and
“DL” bits in the Control Register as shown in
Table 2. This
mode provides another stage of path verification by enabling
data written into the Receive PCM Register to be read back
from that register in any Transmit time-slot at D
X0/1. In digital
loopback, the decoder will remain functional and output a
signal at VF
RO. If this is undesirable, the receive output can
be turned off by programming the receive gain register to all
zeros.
3.0 INTERFACE LATCH DIRECTIONS
Immediately following power-on, all Interface Latches as-
sume they are inputs, and therefore all IL pins are in a high
impedance state. Each IL pin may be individually pro-
grammed as a logic input or output by writing the appropriate
instruction to the LDR, see
Table 1 and Table 3. For mini-
mum power dissipation, unconnected latch pins should be
programmed as outputs. For the TP3071, L5 should always
be programmed as an output.
Bits L
5–L0 must be set by writing the specified instruction to
the LDR with the L bits in the second byte set as follows:
TABLE 3. Byte 2 Functions of Latch Direction Register
Byte 2 Bit Number
765432
1
0
L
0
L
1
L
2
L
3
L
4
L
5
XX
L
n Bit
IL Direction
0
Input
1
Output
X = don’t care
INTERFACE LATCH STATES
Interface Latches configured as outputs assume the state
determined by the appropriate data bit in the 2-byte instruc-
tion written to the Interface Latch Register (ILR) as shown in
Table 1 and Table 4. Latches configured as inputs will sense
the state applied by an external source, such as the
Off-Hook detect output of a SLIC. All bits of the ILR, i.e.
sensed inputs and the programmed state of outputs, can be
read back in the 2nd byte of a READ from the ILR.
It is recommended that during initialization, the state of IL
pins to be configured as outputs should be programmed first,
followed immediately by the Latch Direction Register.
TABLE 4. Interface Latch Data Bit Order
Bit Number
765432
1
0
D
0
D
1
D
2
D
3
D
4
D
5
XX
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com