Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3071 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3071
Description  COMBO II Programmable PCM CODEC/Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3071 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TP3071 Datasheet HTML 1Page - National Semiconductor (TI) TP3071 Datasheet HTML 2Page - National Semiconductor (TI) TP3071 Datasheet HTML 3Page - National Semiconductor (TI) TP3071 Datasheet HTML 4Page - National Semiconductor (TI) TP3071 Datasheet HTML 5Page - National Semiconductor (TI) TP3071 Datasheet HTML 6Page - National Semiconductor (TI) TP3071 Datasheet HTML 7Page - National Semiconductor (TI) TP3071 Datasheet HTML 8Page - National Semiconductor (TI) TP3071 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TP3070, TP3071, TP3070-X
COMBO® II Programmable PCM CODEC/Filter
General Description
The TP3070 and TP3071 are second-generation combined
PCM CODEC and Filter devices optimized for digital switch-
ing applications on subscriber line and trunk cards. Using
advanced switched capacitor techniques, COMBO II com-
bines transmit bandpass and receive lowpass channel filters
with a companding PCM encoder and decoder. The devices
are A-law and µ-law selectable and employ a conventional
serial PCM interface capable of being clocked up to
4.096 MHz. A number of programmable functions may be
controlled via a serial control port.
Channel gains are programmable over a 25.4 dB range in
each direction, and a programmable filter is included to en-
able Hybrid Balancing to be adjusted to suit a wide range of
loop impedance conditions. Both transformer and active
SLIC interface circuits with real or complex termination im-
pedances can be balanced by this filter, with cancellation in
excess of 30 dB being readily achievable when measured
across the passband against standard test termination net-
works.
To enable COMBO II to interface to the SLIC control leads, a
number of programmable latches are included; each may be
configured as either an input or an output. The TP3070 pro-
vides 6 latches and the TP3071 5 latches.
Features
n Complete CODEC and FILTER system including:
— Transmit and receive PCM channel filters
— µ-law or A-law companding encoder and decoder
— Receive power amplifier drives 300
Ω
— 4.096 MHz serial PCM data (max)
n Programmable Functions:
— Transmit gain: 25.4 dB range, 0.1 dB steps
— Receive gain: 25.4 dB range, 0.1 dB steps
— Hybrid balance cancellation filter
— Time-slot assignment; up to 64 slots/frame
— 2 port assignment (TP3070)
— 6 interface latches (TP3070)
— A or µ-law
— Analog loopback
— Digital loopback
n Direct interface to solid-state SLICs
n Simplifies transformer SLIC; single winding secondary
n Standard serial control interface
n 80 mW operating power (typ)
n 1.5 mW standby power (typ)
n Designed for CCITT and LSSGR applications
n TTL and CMOS compatible digital interfaces
n Extended temperature versions available for −40˚C to
+85˚C (TP3070V-X)
Note: See also AN-614, COMBO II application guide.
COMBO® and TRI-STATE® are registered trademarks of National Semiconductor Corporation.
April 1994
© 1999 National Semiconductor Corporation
DS008635
www.national.com


Similar Part No. - TP3071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP3071 TI1-TP3071 Datasheet
381Kb / 28P
TP3070, TP3071, TP3070-X COMBO II Programmable PCM CODEC/Filter
logo
National Semiconductor ...
TP3071N-G NSC-TP3071N-G Datasheet
84Kb / 3P
Engineering Project Manager
logo
Texas Instruments
TP3071N-G/NOPB TI1-TP3071N-G/NOPB Datasheet
381Kb / 28P
TP3070, TP3071, TP3070-X COMBO II Programmable PCM CODEC/Filter
More results

Similar Description - TP3071

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
PCM Codec-Filter
logo
National Semiconductor ...
TP3076 NSC-TP3076 Datasheet
222Kb / 18P
COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
logo
Asahi Kasei Microsystem...
AK2302 AKM-AK2302 Datasheet
488Kb / 16P
Dual PCM Codec/Filter COMBO LSI
AK2304A AKM-AK2304A Datasheet
419Kb / 17P
QUAD PCM CODEC/FILTER COMBO LSI
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
OCTAL PROGRAMMABLE PCM CODEC
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
PCM CODEC - FILTER
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
PCM Codec-Filter
logo
Texas Instruments
TP3070V-XG TI1-TP3070V-XG Datasheet
381Kb / 28P
TP3070, TP3071, TP3070-X COMBO II Programmable PCM CODEC/Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com