Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3071 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3071
Description  COMBO II Programmable PCM CODEC/Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3071 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button TP3071 Datasheet HTML 7Page - National Semiconductor (TI) TP3071 Datasheet HTML 8Page - National Semiconductor (TI) TP3071 Datasheet HTML 9Page - National Semiconductor (TI) TP3071 Datasheet HTML 10Page - National Semiconductor (TI) TP3071 Datasheet HTML 11Page - National Semiconductor (TI) TP3071 Datasheet HTML 12Page - National Semiconductor (TI) TP3071 Datasheet HTML 13Page - National Semiconductor (TI) TP3071 Datasheet HTML 14Page - National Semiconductor (TI) TP3071 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Absolute Maximum Ratings (Note 9)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC to GND
7V
Voltage at VF
XIVCC + 0.5V to VBB − 0.5V
Voltage at any Digital Input
V
CC + 0.5V to GND − 0.5V
Storage Temperature Range
−65˚C to + 150˚C
V
BB to GND
−7V
Current at VF
R0
±100 mA
Current at any Digital Output
±50 mA
Lead Temperature
(Soldering, 10 sec.)
300˚C
Electrical Characteristics
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%,VBB = −5V ±5%;TA = 0˚C to
+70˚C (−40˚C to +85˚C for TP3070-X) by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by
correlation with other production tests and/or product design and characterization. All signals referenced to GND. Typicals
specified at V
CC = +5V, VBB = −5V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIGITAL INTERFACES
V
IL
Input Low Voltage
All Digital Inputs (DC Meas.) (Note 10)
0.7
V
V
IH
Input High Voltage
All Digital Inputs (DC Meas.) (Note 10)
2.0
V
V
OL
Output Low Voltage
D
X0, DX1, TSX0, TSX1 and CO, IL = 3.2 mA,
0.4
V
All Other Digital Outputs, I
L = 1mA
V
OH
Output High Voltage
D
X0, DX1 and CO, IL = −3.2 mA,
2.4
V
All Other Digital Outputs (except TS
X), IL = −1 mA
All Digital Outputs, I
L = −100 µA
V
CC − 0.5
V
I
IL
Input Low Current
Any Digital Input, GND < V
IN < VIL
−10
10
µA
I
IH
Input High Current
Any Digital Input except MR, V
IH < VIN < VCC
−10
10
µA
MR Only
−10
100
µA
I
OZ
Output Current in
D
X0, DX1, TSX0, TSX1, CO and CI/O (as an Output)
High Impedance
IL5–IL0 When Selected as Inputs
−10
10
µA
State (TRI-STATE)
GND < V
OUT < VCC
−40˚C to +85˚C (TP3070-X)
−30
30
µA
ANALOG INTERFACES
I
VFXI
Input Current, VF
XI
−3.3V < VF
XI < 3.3V
−10.0
10.0
µA
R
VFXI
Input Resistance
−3.3V < VF
XI < 3.3V
390
620
k
Ω
VOS
X
Input Offset Voltage
Transmit Gain = 0 dB
200
mV
Applied at VF
XI
Transmit Gain = 25.4 dB
10
mV
RL
VFRO
Load Resistance
Receive Gain = 0 dB
15k
Receive Gain = −0.5 dB
600
Ω
Receive Gain = −1.2 dB
300
CL
VFRO
Load Capacitance
RL
VFRO ≥ 300Ω
200
pF
CL
VFRO from VFROtoGND
RO
VFRO
Output Resistance
Steady Zero PCM Code Applied to
1.0
3.0
Ω
D
R0orDR1
VOS
R
Output Offset
Alternating ± Zero PCM Code Applied to
−200
200
mV
Voltage at V
FRO
D
R0orDR1, Maximum Receive Gain
POWER DISSIPATION
I
CC0
Power Down Current
CCLK, CI/O, CI, CO, = 0.4V, CS = 2.4V
Interface Latches Set as Outputs with No Load,
0.1
0.6
mA
All Other Inputs Active, Power Amp Disabled
I
BB0
Power Down Current
As Above
−0.1
−0.3
mA
−40˚C to +85˚C (TP3070-X)
−0.4
mA
I
CC1
Power Up Current
CCLK, CI/O, CI, CO = 0.4V, CS = 2.4V
No Load on Power Amp
8.0
11.0
mA
Interface Latches Set as Outputs with No Load
−40˚C to +85˚C (TP3070-X)
13.0
mA
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com