Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3071 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3071
Description  COMBO II Programmable PCM CODEC/Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3071 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button TP3071 Datasheet HTML 8Page - National Semiconductor (TI) TP3071 Datasheet HTML 9Page - National Semiconductor (TI) TP3071 Datasheet HTML 10Page - National Semiconductor (TI) TP3071 Datasheet HTML 11Page - National Semiconductor (TI) TP3071 Datasheet HTML 12Page - National Semiconductor (TI) TP3071 Datasheet HTML 13Page - National Semiconductor (TI) TP3071 Datasheet HTML 14Page - National Semiconductor (TI) TP3071 Datasheet HTML 15Page - National Semiconductor (TI) TP3071 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Electrical Characteristics (Continued)
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%,VBB = −5V ±5%;TA = 0˚C to
+70˚C (−40˚C to +85˚C for TP3070-X) by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by
correlation with other production tests and/or product design and characterization. All signals referenced to GND. Typicals
specified at V
CC = +5V, VBB = −5V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER DISSIPATION
I
BB1
Power Up Current
As Above
−8.0
−11.0
mA
−40˚C to +85˚C (TP3070-X)
−13.0
mA
I
CC2
Power Down Current
Power Amp Enabled
2.0
3.0
mA
−40˚C to +85˚C (TP3070-X)
4.0
mA
I
BB2
Power Down Current
Power Amp Enabled
−2.0
−3.0
mA
−40˚C to +85˚C (TP3070-X)
−4.0
mA
Note 9: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 10: See definitions and timing conventions section.
Timing Specifications
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%;VBB = −5V ±5%;TA = 0˚C to
+70˚C (−40˚C to +85˚C for TP3070-X) by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by
correlation with other production tests and/or product design and characterization. All signals referenced to GND. Typicals
specified at V
CC = +5V, VBB = −5V, TA = 25˚C.
All timing parameters are measured at V
OH = 2.0V and VOL = 0.7V.
See Definitions and Timing Conventions section for test methods information.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MASTER CLOCK TIMING
f
MCLK
Frequency of MCLK
Selection of Frequency is
512
kHz
Programmable (See
Table 5)
1536
kHz
1544
kHz
2048
kHz
4096
kHz
t
WMH
Period of MCLK High
Measured from V
IH to VIH (Note 11)
80
ns
t
WML
Period of MCLK Low
Measured from V
IL to VIL (Note 11)
80
ns
t
RM
Rise Time of MCLK
Measured from V
IL to VIH
30
ns
t
FM
Fall Time of MCLK
Measured from V
IH to VIL
30
ns
t
HBM
HOLD Time, BCLK LOW
TP3070 Only
50
ns
to MCLK HIGH
t
WFL
Period of F
SX or FSR Low
Measured from V
IL to VIL
1
MCLK Period
PCM INTERFACE TIMING
f
BCLK
Frequency of BCLK
May Vary from 64 kHz to 4096 kHz
64
4096
kHz
in 8 kHz Increments
t
WBH
Period of BCLK High
Measured from V
IH to VIH
80
ns
t
WBL
Period of BCLK Low
Measured from V
IL to VIL
80
ns
t
RB
Rise Time of BCLK
Measured from V
IL to VIH
30
ns
t
FB
Fall Time of BCLK
Measured from V
IH to VIL
30
ns
t
HBF
Hold Time, BCLK Low
30
ns
to FS
X/R High or Low
t
SFB
Setup Time, FS
X/R
30
ns
High to BCLK Low
t
DBD
Delay Time, BCLK High
Load = 100 pF Plus 2 LSTTL Loads
80
ns
to Data Valid
−40˚C to +85˚C (TP3070-X)
90
ns
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com