Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3420AV Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3420AV
Description  ISDN S/T Interface Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3420AV Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button TP3420AV Datasheet HTML 20Page - National Semiconductor (TI) TP3420AV Datasheet HTML 21Page - National Semiconductor (TI) TP3420AV Datasheet HTML 22Page - National Semiconductor (TI) TP3420AV Datasheet HTML 23Page - National Semiconductor (TI) TP3420AV Datasheet HTML 24Page - National Semiconductor (TI) TP3420AV Datasheet HTML 25Page - National Semiconductor (TI) TP3420AV Datasheet HTML 26Page - National Semiconductor (TI) TP3420AV Datasheet HTML 27Page - National Semiconductor (TI) TP3420AV Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Absolute Maximum Ratings (Note 24)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC to GND
7V
Voltage at L
i,L0
V
CC +1V to GND −1V
Voltage at any Digital Input
V
CC +1V to GND −1V
Storage Temperature Range
−65˚C to+150˚C
Current at L
0
±100 mA
Current at any Digital Output
±50 mA
Lead Temperature
(Soldering, 10 sec.)
300˚C
ESD rating
2000V
Electrical Characteristics
Unless otherwise noted: limits printed in bold characters are electrical testing limits at V
CC = 5.0V and TA = 25˚C. All other
limits are design goals for V
CC = 5.0V ±5%, and TA = 0˚C to 70˚C. This data sheet is still preliminary and parameter limits
are subject to change based on further characterization testing.
Symbol
Parameter
Conditions
Limits
Units
Min
Typ
Max
DIGITAL INTERFACES
V
IL
Input Low Voltage
All Digital Inputs
0.7
V
V
IH
Input High Voltage
All Digital Inputs
2.2
V
V
ILX
Input Low Voltage
MCLK/XTAL Input
0.5
V
V
IHX
Input High Voltage
MCLK/XTAL Input
V
CC − 0.5
V
V
OL
Output Low Voltage
B
r,IL = 3.2 mA
0.4
V
All Other Digital Outputs, I
L = 1mA
V
OH
Output High Voltage
B
r,IL = −3.2 mA
2.4
V
All Other Digital Outputs, I
L = −1 mA
2.4
V
All Outputs, I
L = −100 µA
V
CC − 0.5
V
I
I
Input Current
Any Digital Input, GND < V
IN < VCC
−10
10
µA
I
OZ
Output Current in High
B
r, INT, LSD, CO
−10
10
µA
Impedance State
(TRI-STATE)
GND < V
OUT < VCC
LINE INTERFACES
R
Li
Differential Input
GND < L
i+, Li− < VCC
200
k
Ω
Resistance
CL
L0
Load Capacitance
Between L
o+ and Lo−
200
pF
POWER DISSIPATION
I
CC0
Power Down Current
All Outputs Open-Circuit
1.20
mA
I
CC1
Power Up Current
As Above, Device Deactivated (Note 25)
25
mA
TRANSMISSION PERFORMANCE
Transmit Pulse Amplitude
R
L = 270Ω Between Lo+ and Lo− (Note 26)
±1.90
±2.14
Vpk
Transmit Pulse Unbalance
0+ Relative to 0−
±5
%
Input Pulse Amplitude
Differential Between L
i+ and Li−
±175
mVpk
Output Impedance when
50
Ω Load
100
Ω
Transmitting Binary Zeroes
400
Ω Load (Note 27)
14
Ω
Note 24: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 25: When the device is activated and driving a correctly terminated line, ICC1 increases by several mA. A worst-case data pattern, consisting of all binary 0’s,
increases ICC1 by approximately 8 mA.
Note 26: The pulse amplitude at the Lo± pins allows for approximately 1 dB transformer insertion loss to meet the 0.75V pulse mask test when the line is terminated
in 50
Ω.
Note 27: Using a 2:1 PE64995 transformer and a connecting cord. See AN-872 (TP3420A Line Interface or Circuit Considerations) for more details.
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com