Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3420AV Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3420AV
Description  ISDN S/T Interface Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3420AV Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button TP3420AV Datasheet HTML 24Page - National Semiconductor (TI) TP3420AV Datasheet HTML 25Page - National Semiconductor (TI) TP3420AV Datasheet HTML 26Page - National Semiconductor (TI) TP3420AV Datasheet HTML 27Page - National Semiconductor (TI) TP3420AV Datasheet HTML 28Page - National Semiconductor (TI) TP3420AV Datasheet HTML 29Page - National Semiconductor (TI) TP3420AV Datasheet HTML 30Page - National Semiconductor (TI) TP3420AV Datasheet HTML 31Page - National Semiconductor (TI) TP3420AV Datasheet HTML 32Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
SC1 Messaging Sequence (Continued)
Time
SC1
Actions Required
(ms)
I430 Frame Content
0 (MFC INT)
(LRS)
if FL__EXT flag set, do not check for new flags on SC1L, but check for
SC2 channel. Reset FL__EXT. Send SC2 command as appropriate.
SC1L__NB (IDLE) > MFT1L
5
(LRS)
10
(LRS)
15
(LRS)
20
(LRS)
25
(LRS)
0 (MFC INT)
(IDLE)
if FL__EXT flag not set, check for new flags on SC1L, assume LB1I.
Check for SC2 channel. Send SC2 command as appropriate.
SC1__NB(IDLE) > SC1__PB, SC1 command (LBL1I) > SC1__NB,
SC1__NB(LB1I) > MFT1L.
5
(IDLE)
10
(IDLE)
15
(IDLE)
20
(IDLE)
25
(IDLE)
0 (MFC INT)
(LB1I)
if FL__EXT flag not set, Check for new flags on SC1L assume LB2I.
Check for SC2 channel. Send SC2 command as appropriate.
SC1__NB(LB1I) > SC1__PB, SC1 command(LB2I) > SC1__NB,
SC1__NB(LB2I) > MFT1L
5
(LB1I)
10
(LB1I)
15
(LB1I)
20
(LB1I)
25
(LB1I)
0 (MFC INT)
(LB2I)
if FL__EXT flag not set, check for new flags on SC1L, assume IDLE.
Check for SC2 channel. Send SC2 command as appropriate.
SC1__NB(LB2I) > SC1__PB, SC1 command (IDLE) > SC1__NB
SC1__ NB(IDLE) > MFT1L.
5
(LB2I)
10
(LB2I)
15
(LB2I)
20
(LB2I)
25
(LB2I)
0 (MFC INT)
(IDLE)
etc.
On the TE receive side, the LP, DTSE and FECV messages
are checked once, and for every occurrence an interrupt
is generated. The other messages are validated 3 times be-
fore an interrupt is generated. Subsequent repetitions of the
command do not cause an interrupt.
SC2 CHANNEL TRANSMITTER HANDLING
The software should keep a list of flags to indicate SC2 com-
mands as defined in the spec. At the 30 ms tick MFC INT, the
software should scan through the list of flags (top down) and,
seeing the first flag, should write the appropriate command
in the MFT2 register and keep the value in SC2__NB (soft-
ware buffer).
On the TE receive side, the SC2 command is verified 3
times before an Interrupt is generated. Subsequent repeti-
tions of the command do not cause an interrupt.
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com