Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3420AV Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3420AV
Description  ISDN S/T Interface Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3420AV Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button TP3420AV Datasheet HTML 16Page - National Semiconductor (TI) TP3420AV Datasheet HTML 17Page - National Semiconductor (TI) TP3420AV Datasheet HTML 18Page - National Semiconductor (TI) TP3420AV Datasheet HTML 19Page - National Semiconductor (TI) TP3420AV Datasheet HTML 20Page - National Semiconductor (TI) TP3420AV Datasheet HTML 21Page - National Semiconductor (TI) TP3420AV Datasheet HTML 22Page - National Semiconductor (TI) TP3420AV Datasheet HTML 23Page - National Semiconductor (TI) TP3420AV Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Functional Description (Continued)
TABLE 8. Codes for SC1, SC2 and Q Channel Messages with 3X Checking Enabled
NT-to-TE
TE-to-NT
SCI Messages
Received at TE
Number of
Repetitions
Received at NT
Number of
Repetitions
S11
S12
S13
S14
before MFR1 INT
Q1
Q2
Q3
Q4
before MFR1 INT
Idle (NORMAL)
0000
3
1111
3
LP Loss-of-Power
1111
1
0000
1
Indication
STP Self Test Pass
0010
3
————
—
STF Self Test Fail
0001
3
————
—
ST Self Test Request
————
—
0001
3
(Note 15)
STI Self Test Indication
0111
3
————
—
FECV Far End Code
1110
1
—
—
Violation
DOI Disruptive Operation
0011
3
—
—
Indication
DTSE-IN
1000
1
————
—
DTSE-OUT
0100
1
————
—
DTSE-IN&OUT
1100
1
————
—
Loopbacks
LB1 Request
————
—
0111
3
LB1 Indication
1101
3
————
—
LB2 Request
————
—
1011
3
LB2 Indication
1011
3
————
—
LB1/2 Request
————
—
0011
3
(Note 16)
LB1/2 Indication
1001
3
————
—
Loss-of-Received-
Signal
1010
3
————
—
Indication
Unassigned
All Other Codes
1
All Other Codes
1
Received at TE
Number of
Repetitions
before MFR2 INT
S21
S22
S23
S24
All SC2 Messages
All Codes
3
Note 15: The code “0001” will be received by an NT1 when ST Request and any other code (except LP) is sent simultaneously by two or more TEs on a Passive
Bus.
Note 16: The code “0011” will be received by an NT1 when the LB1 and LB2 requests are transmitted by two different TEs (NT2s) on a Passive Bus.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com