Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3420AV Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3420AV
Description  ISDN S/T Interface Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3420AV Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button TP3420AV Datasheet HTML 19Page - National Semiconductor (TI) TP3420AV Datasheet HTML 20Page - National Semiconductor (TI) TP3420AV Datasheet HTML 21Page - National Semiconductor (TI) TP3420AV Datasheet HTML 22Page - National Semiconductor (TI) TP3420AV Datasheet HTML 23Page - National Semiconductor (TI) TP3420AV Datasheet HTML 24Page - National Semiconductor (TI) TP3420AV Datasheet HTML 25Page - National Semiconductor (TI) TP3420AV Datasheet HTML 26Page - National Semiconductor (TI) TP3420AV Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Typical Applications (Continued)
POPULAR MICROWIRE FORMATS
The TP3420A enhanced MICROWIRE port supports two
popular formats used in typical terminal equipment applica-
tions.
1.
CCLK idling LOW when the CS pin is inactive HIGH,
pulsing LOW/HIGH/LOW for 8 clocks then returning
back to LOW for idle condition. Data is output on the CO
pin on the negative edge and data is sampled in on the
positive edge of CCLK. This format (shown in
Figure 7)
is normally used with NSC’s microcontrollers from the
HPC or the COP8 family.
2.
CCLK idling HIGH when the CS pin is inactive HIGH,
pulsing HIGH/LOW/HIGH for 8 clocks, then returning
back to HIGH for idle condition. Data is output on the CO
pin on the negative edge and data sampled in on the
positive edge of CCLK. This format (shown in
Figure 8)
is normally used with other alternate microcontrollers in
the industry.
DS009143-24
FIGURE 7. TP3420A Normal MICROWIRE Clock Format
DS009143-25
FIGURE 8. TP3420A Alternate MICROWIRE Clock Format
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com