Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMUPC Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASTMUPC
Description  Industrial control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMUPC Datasheet(HTML) 4 Page - Abracon Corporation

  ASTMUPC Datasheet HTML 1Page - Abracon Corporation ASTMUPC Datasheet HTML 2Page - Abracon Corporation ASTMUPC Datasheet HTML 3Page - Abracon Corporation ASTMUPC Datasheet HTML 4Page - Abracon Corporation ASTMUPC Datasheet HTML 5Page - Abracon Corporation ASTMUPC Datasheet HTML 6Page - Abracon Corporation ASTMUPC Datasheet HTML 7Page - Abracon Corporation ASTMUPC Datasheet HTML 8Page - Abracon Corporation ASTMUPC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 07.22.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
PART IDENTIFICATION:
ASTMUPC
High Performance, Programmable LVCMOS SMD MEMS Oscillator
ASTMUPC
2.7 x 2.4 x 0.75mm; 3.2 x 2.5 x 0.75mm;
5.0 x 3.2 x 0.75mm; 7.0 x 5.0 x 0.9mm
Based on the rise and fall time data given in Table 1 through 4, the maximum frequency the oscillator can operate with
a guaranteed full swing of the output voltage over temperature is calculated as follows:
1
Example:
Calculate Fmax of a 1MHz ~ 80MHz device with the following condition:
• Vdd = 1.8V (Table 1)
• Capacitive Load = 30pF
• Desired Tr/f Time: = 3ns (rise/fall time option code “G”)
The Fmax is 55.5000000MHz.
Table 3: Vdd=2.8V Rise/Fall Times for Specific CLOAD
Rise/Fall Time Typ. (ns)
Drive
Strength
Options
CLOAD
5pF
15pF
30pF
45pF
60pF
L
7.93
12.69
17.94
30.10
38.89
A
4.06
6.66
11.04
15.31
19.80
R
2.68
4.40
7.53
10.29
13.37
B
2.00
3.25
5.66
7.84
10.11
S
1.59
2.57
4.54
6.27
8.07
D
1.19
2.14
3.76
5.21
6.72
T
1.00
1.79
3.20
4.43
5.77
E
0.94
1.51
2.78
3.84
5.06
U
0.90
1.38
2.48
3.40
4.50
F
0.87
1.29
2.21
3.03
4.05
W
0.62
1.19
1.99
2.76
3.68
G or Blank
(default)
0.41
1.08
1.84
2.52
3.36
X
0.37
0.96
1.72
2.33
3.15
K
0.35
0.78
1.63
2.15
2.92
Y
0.33
0.67
1.54
2.00
2.75
Q
0.32
0.63
1.46
1.89
2.57
Z
0.31
0.60
1.39
1.80
2.43
M
0.30
0.57
1.31
1.72
2.30
N
0.30
0.56
1.22
1.63
2.22
P
0.29
0.54
1.13
1.55
2.13
Table 4: Vdd=3.3V Rise/Fall Times for Specific CLOAD
Rise/Fall Time Typ. (ns)
Drive
Strength
Options
CLOAD
5pF
15pF
30pF
45pF
60pF
L
7.18
11.59
17.24
27.57
35.57
A
3.61
6.02
10.19
13.98
18.10
R
2.31
3.95
6.88
9.42
12.24
B
1.65
2.92
5.12
7.10
9.17
S
1.43
2.26
4.09
5.66
7.34
D
1.01
1.91
3.38
4.69
6.14
T
0.94
1.51
2.86
3.97
5.25
E
0.90
1.36
2.50
3.46
4.58
U
0.86
1.25
2.21
3.03
4.07
F or Blank
(default)
0.48
1.15
1.95
2.72
3.65
W
0.38
1.04
1.77
2.47
3.31
G
0.36
0.87
1.66
2.23
3.03
X
0.34
0.70
1.56
2.04
2.80
K
0.33
0.63
1.48
1.89
2.61
Y
0.32
0.60
1.40
1.79
2.43
Q
0.32
0.58
1.31
1.69
2.28
Z
0.30
0.56
1.22
1.62
2.17
M
0.30
0.55
1.12
1.54
2.07
N
0.30
0.54
1.02
1.47
1.97
P
0.29
0.52
0.95
1.41
1.90
CALCULATING MAXIMUM FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com