Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMUPC Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASTMUPC
Description  Industrial control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMUPC Datasheet(HTML) 2 Page - Abracon Corporation

  ASTMUPC Datasheet HTML 1Page - Abracon Corporation ASTMUPC Datasheet HTML 2Page - Abracon Corporation ASTMUPC Datasheet HTML 3Page - Abracon Corporation ASTMUPC Datasheet HTML 4Page - Abracon Corporation ASTMUPC Datasheet HTML 5Page - Abracon Corporation ASTMUPC Datasheet HTML 6Page - Abracon Corporation ASTMUPC Datasheet HTML 7Page - Abracon Corporation ASTMUPC Datasheet HTML 8Page - Abracon Corporation ASTMUPC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
• Ethernet, SATA, SAS, PCI Express
• WiFi
• Video
• Computing
• Storage
• Networking
• Telecom
• Industrial control
• Harsh environment (vibration, shock-prone and humid)
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 07.22.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
ASTMUPC
High Performance, Programmable LVCMOS SMD MEMS Oscillator
ASTMUPC
2.7 x 2.4 x 0.75mm; 3.2 x 2.5 x 0.75mm;
5.0 x 3.2 x 0.75mm; 7.0 x 5.0 x 0.9mm
(Continued)
Absolute Maximum Ratings
Attempted operation outside the absolute maximum ratings may cause permanent damage to the part. Actual
performance of the IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Thermal Consideration
Note : 1. The 2.7 x 2.4mm Package is compatible with 2.5 x 2.0mm footprint.
Parameters
Min
Typ
Max
Unit
Notes
Output Type
LVCMOS
Duty Cycle
45
55
%
F≤165MHz. All Vdd options
40
60
F>165MHz. All Vdd options
Rise/Fall Time ( Tr /Tf)
1.2
2
ns
15pF load, 10%-90%
Output High Voltage (VOH)
90%*Vdd
V
IOH=-6mA (Vdd=3.3V, 2.8V, 2.5V)
IOH=-3mA (Vdd=1.8V)
Output Low Voltage (VOL)
10%*Vdd
V
IOL=6mA (Vdd=3.3V, 2.8V, 2.5V)
IOL=3mA (Vdd=1.8V)
Input High Voltage(VIH)
70%*Vdd
V
Pin 1
Input Low Voltage(VIL)
30%*Vdd
V
Pin 1
Input Pull-up Impedance ( Zin)
100
250
kΩ
Pin 1, OE logic high or logic low,
ST
logic high
2
MΩ Pin 1, ST logic low
RMS Period Jitter ( Tjitt)
1.5
2
ps
F=75MHz, 156.25MHz, Vdd=2.5V, 2.8V,
3.3V
2
3
F=75MHz, 156.25MHz, Vdd=1.8V
RMS Phase Jitter (random) ( Tphj)
0.5
1
ps
F=10MHz, 156.25MHz, integration
bandwidth=12kHz to 20MHz
Parameters
Min.
Max.
Unit
0
5
1
5
6
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
°C
VDD
V
4
5
.
0
-
Electrostatic Discharge (HBM)
2000
V
Soldering Temperature
(follow standard Pb free soldering guidelines)
260
°C
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
°C
Package
θJA, 4 Layer Board
(°C/W)
θJA, 2 Layer Board
(°C/W)
θJC, Bottom
(°C/W)
7.0 x 5.0mm
191
263
30
5.0 x 3.2mm
97
199
24
3.2 x 2.5mm
109
212
27
2.7 x 2.4mm (1)
117
222
26



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com