Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMUPC Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASTMUPC
Description  Industrial control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMUPC Datasheet(HTML) 3 Page - Abracon Corporation

  ASTMUPC Datasheet HTML 1Page - Abracon Corporation ASTMUPC Datasheet HTML 2Page - Abracon Corporation ASTMUPC Datasheet HTML 3Page - Abracon Corporation ASTMUPC Datasheet HTML 4Page - Abracon Corporation ASTMUPC Datasheet HTML 5Page - Abracon Corporation ASTMUPC Datasheet HTML 6Page - Abracon Corporation ASTMUPC Datasheet HTML 7Page - Abracon Corporation ASTMUPC Datasheet HTML 8Page - Abracon Corporation ASTMUPC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 07.22.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
PART IDENTIFICATION:
ASTMUPC
High Performance, Programmable LVCMOS SMD MEMS Oscillator
ASTMUPC
2.7 x 2.4 x 0.75mm; 3.2 x 2.5 x 0.75mm;
5.0 x 3.2 x 0.75mm; 7.0 x 5.0 x 0.9mm
ASTMUPC - -
MHz-
-
-
Packaging
Blank: Bulk
T: Tape & Reel
(1kpcs / reel)
T3: Tape & Reel
(3kpcs / reel)
Package Size
D: 2.7x2.4mm*
E: 3.2x2.5mm
FL: 5.0x3.2mm
V: 7.0x5.0mm
* Compatible with
2.5 x 2.0mm
footprint
Operating Temp.
E: -20°C ~ +70°C
L: -40°C ~ +85°C
Output Frequency
in MHz
e.g. 7.3728,
125.000
Freq. Stability
Y: ±10ppm
J: ±20ppm
R: ±25 ppm
C: ±50 ppm
Supply Voltage
18: 1.8V±10%
25: 2.5V±10%
28: 2.8V±10%
33: 3.3V±10%
Output Drive Strength
(for 1MHz ~ 80MHz only)**
Blank: Default
W
L
G
A
X
R
K
B
Y
S
Q
D
Z
T
M
E
N
U
P
F
** See Table 1 to 4 for the Rise/Fall times
(10%~90%) at different drive strength and
available options
Pin 1 Function
E: Output Enable
S: Standby
Table 1: Vdd=1.8V Rise/Fall Times for Specific CLOAD
Rise/Fall Time Typ. (ns)
Drive
Strength
Options
CLOAD
5pF
15pF
30pF
45pF
60pF
L
12.45
17.68
19.48
46.21
57.82
A
6.50
10.27
16.21
23.92
30.73
R
4.38
7.05
11.61
16.17
20.83
B
3.27
5.30
8.89
12.18
15.75
S
2.62
4.25
7.20
9.81
12.65
D
2.19
3.52
6.00
8.31
10.59
T
1.76
3.01
5.14
7.10
9.15
E
1.59
2.59
4.49
6.25
7.98
U
1.49
2.28
3.96
5.55
7.15
F
1.22
2.10
3.57
5.00
6.46
W
1.07
1.88
3.23
4.50
5.87
G
1.01
1.64
2.95
4.12
5.40
X
0.96
1.50
2.74
3.80
4.98
K
0.92
1.41
2.56
3.52
4.64
Y
0.88
1.34
2.39
3.25
4.32
Q
0.86
1.29
2.24
3.04
4.06
Z or Blank
(default)
0.82
1.24
2.07
2.89
3.82
M
0.77
1.20
1.94
2.72
3.61
N
0.66
1.15
1.84
2.58
3.41
P
0.51
1.09
1.76
2.45
3.24
Table 2: Vdd=2.5V Rise/Fall Times for Specific CLOAD
Rise/Fall Time Typ. (ns)
Drive
Strength
Options
CLOAD
5pF
15pF
30pF
45pF
60pF
L
8.68
13.59
18.36
32.70
42.06
A
4.42
7.18
11.93
16.60
21.38
R
2.93
4.78
8.15
11.19
14.59
B
2.21
3.57
6.19
8.55
11.04
S
1.67
2.87
4.94
6.85
8.80
D
1.50
2.33
4.11
5.68
7.33
T
1.06
2.04
3.50
4.84
6.26
E
0.98
1.69
3.03
4.20
5.51
U
0.93
1.48
2.69
3.73
4.92
F
0.90
1.37
2.44
3.34
4.42
W
0.87
1.29
2.21
3.04
4.02
G or Blank
(default)
0.67
1.20
2.00
2.79
3.69
X
0.44
1.10
1.86
2.56
3.43
K
0.38
0.99
1.76
2.37
3.18
Y
0.36
0.83
1.66
2.20
2.98
Q
0.34
0.71
1.58
2.07
2.80
Z
0.33
0.65
1.51
1.95
2.65
M
0.32
0.62
1.44
1.85
2.50
N
0.31
0.59
1.37
1.77
2.39
P
0.30
0.57
1.29
1.70
2.28



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com