Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMUPC Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASTMUPC
Description  Industrial control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMUPC Datasheet(HTML) 1 Page - Abracon Corporation

  ASTMUPC Datasheet HTML 1Page - Abracon Corporation ASTMUPC Datasheet HTML 2Page - Abracon Corporation ASTMUPC Datasheet HTML 3Page - Abracon Corporation ASTMUPC Datasheet HTML 4Page - Abracon Corporation ASTMUPC Datasheet HTML 5Page - Abracon Corporation ASTMUPC Datasheet HTML 6Page - Abracon Corporation ASTMUPC Datasheet HTML 7Page - Abracon Corporation ASTMUPC Datasheet HTML 8Page - Abracon Corporation ASTMUPC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ASTMUPC
APPLICATIONS:
FEATURES:
High Performance, Programmable LVCMOS SMD MEMS Oscillator
STANDARD SPECIFICATIONS:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Moisture Sensitivity Level (MSL) – 1
Pb RoHS/RoHS II compliant
ESD Sensitive
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 07.22.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
• Industry Standard package sizes: 2.7 x 2.4 x 0.75mm (compatible with 2520
package footprint), 3.2 x 2.5 x 0.75mm, 5 x 3.2 x 0.75mm, 7.0 x 5.0 x 0.9mm
• Any frequency between 1MHz and 220MHz
• Supply Voltage options: 3.3V, 2.8V, 2.5V, 1.8V
• Ultra-low RMS phase jitter: 0.5ps typ. (@156.25MHz,
integration bandwidth: 12kHz to 20MHz)
• Frequency Stability options: ±10ppm, ±20ppm, ±25ppm,
±50ppm over -20 to +70°C and -40 to +85°C
• Factory programmable drive strength (for 1MHz ~80MHz) for
improved jitter, reduced EMI or higher capacitive output load
• High Performance MEMS Technology by SiTime
• Ethernet, SATA, SAS, PCI Express
• WiFi
• Video
• Computing
• Storage
• Networking
• Telecom
• Industrial control
• Harsh environment (vibration, shock-prone and humid)
ASTMUPC
2.7 x 2.4 x 0.75mm; 3.2 x 2.5 x 0.75mm;
5.0 x 3.2 x 0.75mm; 7.0 x 5.0 x 0.9mm
All electrical specifications in this table are specified with 15pF output load and for all Vdd options unless otherwise stated.
Parameters
Min
Typ
Max
Unit
Notes
Output Frequency Range (F)
1
220
MHz
Frequency Stability (Fstab)
-10
+10
ppm
Inclusive of initial tolerance at 25°C,
and variations over operating
temperature, rated power supply
voltage and load (15pF±10%)
-20
+20
-25
+25
-50
+50
Operating Temperature Range (Tuse)
-20
+70
°C
Option “E”
-40
+85
Option “L”
Aging@25°C
1st year
-1.5
+1.5
ppm
10 years
-5
+5
Supply Voltage (Vdd)
1.71
1.8
1.89
V
Option “18”
2.25
2.5
2.75
Option “25”
2.52
2.8
3.08
Option “28”
2.97
3.3
3.63
Option “33”
Current Consumption ( Idd )
31
33
mA
No load, F=20MHz, Vdd=2.5V, 2.8V,
3.3V
29
31
No load, F=20MHz, Vdd=1.8V
34
36
No load, F=100MHz, Vdd=2.5V, 2.8V,
3.3V
30
33
No load, F=100MHz, Vdd=1.8V
OE Disable Current (IOD)
31
mA
Vdd=2.5V, 2.8V, 3.3V, OE=GND, output
is weakly pulled down
30
Vdd=1.8V, OE=GND, output is weakly
pulled down
Standby Current (Istd)
70
µA
Vdd=2.5V, 2.8V, 3.3V, ST =GND, output
is weakly pulled down
10
Vdd=1.8V, ST=GND, output is weakly
pulled down
Startup Time (Tstart)
7
10
ms
Measured from the time Vdd reaches its
rated minimum value
OE Enable/Disable Time (Toe)
150
ns
F=80MHz. For other frequencies,
Toe=100ns+3*cycles
115
F=220MHz. For other frequencies,
Toe=100ns+3*cycles
Resume Time ( Tresume)
6
10
ms
In standby mode. Measured from the
time ST pin crosses 50% threshold


Similar Part No. - ASTMUPC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
Any frequency between 1MHz and 625MHz
05/15/2017
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
More results

Similar Description - ASTMUPC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E100TF ETC2-E100TF Datasheet
536Kb / 5P
Industrial Control Transformers
logo
Bel Fuse Inc.
LDD240-WU BEL-LDD240-WU Datasheet
797Kb / 5P
Industrial machine control
LDP200-200 BEL-LDP200-200 Datasheet
680Kb / 4P
Industrial Control
LDW25 BEL-LDW25 Datasheet
859Kb / 6P
Industrial Control
logo
Fuji Electric
RB104 FUJI-RB104 Datasheet
51Kb / 1P
Industrial Control Relays
logo
Schneider Electric
HFNF120IESE020 SCHNEIDER-HFNF120IESE020 Datasheet
90Kb / 1P
Industrial/Control Panel
12-Feb-2023
HFNF240IESE003 SCHNEIDER-HFNF240IESE003 Datasheet
60Kb / 1P
Industrial/Control Panel
12-Feb-2023
HFNF120ICSE002 SCHNEIDER-HFNF120ICSE002 Datasheet
79Kb / 1P
Industrial/Control Panel
19-Feb-2023
HFNF120ICSE005 SCHNEIDER-HFNF120ICSE005 Datasheet
80Kb / 1P
Industrial/Control Panel
19-Feb-2023
HFNF120ICSE007 SCHNEIDER-HFNF120ICSE007 Datasheet
79Kb / 3P
Industrial/Control Panel
19-Feb-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com