Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456AGLF Datasheet(PDF) 22 Page - Integrated Device Technology

Part # 932SQL456AGLF
Description  Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456AGLF Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button 932SQL456AGLF Datasheet HTML 15Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 16Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 17Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 18Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 19Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 20Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 21Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 22Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 23Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
22
REVISION B 09/29/15
932SQL456 DATASHEET
Ordering Information
"LF" suffix to the part number denotes Pb-Free configuration, RoHS6.6 compliant.
“A” is the device revision designator (will not correlate with the datasheet revision).
Revision History
Part / Order Number
Shipping Packaging
Package
Temperature
932SQL456AGLF
Tubes
64-pin TSSOP
0 to +70° C
932SQL456AGLFT
Tape and Reel
64-pin TSSOP
0 to +70° C
932SQL456AKLF
Tray
64-pin VFQFPN
0 to +70° C
932SQL456AKLFT
Tape and Reel
64-pin VFQFPN
0 to +70° C
932SQL456AGILF
Tubes
64-pin TSSOP
-40 to +85° C
932SQL456AGILFT
Tape and Reel
64-pin TSSOP
-40 to +85° C
932SQL456AKILF
Tray
64-pin VFQFPN
-40 to +85° C
932SQL456AKILFT
Tape and Reel
64-pin VFQFPN
-40 to +85° C
Rev.
Issue Date
Who Description
Page #
A
8/5/2015
RDW
1. Updated front page text and data sheet title.
2. Updated REF14 pin name to reflect 2x drive.
3. Update pin description for REF14 pin.
4. Moved block diagram to page 1 and pinouts to page 2.
5. Updated block diagram to incorporate crystal recommendations.
6. Updated Clock AC tolerance to reflected tightened c2c jitter specs on
single ended outputs.
7. Updated Clock periods table accordingly.
8. Updated AC/DC Electrical tables with char data.
9. Updated package drawing to latest format for NLG64.
10. Move to final and release.
1-14,20
B
9/29/2015
RDW
1. Added I-temp device to data sheet
2. Changed max power down current from 6mA to 8mA
3. Slight updates to PCIe Gen2 Hi-band and SAS12G for -40C
4. Corrected typo in bit name of Byte 1, bit 7.
5. Updated marking diagrams to include I-temp devices
6. Updated ordering information to include I-temp devices.
1,9,12,
15,17,
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com