Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456AGLF Datasheet(PDF) 15 Page - Integrated Device Technology

Part # 932SQL456AGLF
Description  Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456AGLF Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 932SQL456AGLF Datasheet HTML 11Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 12Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 13Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 14Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 15Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 16Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 17Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 18Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
REVISION B 09/29/15
15
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
932SQL456 DATASHEET
NOTE: Pin numbers refer to TSSOP
SMBus Table: Output Enable Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DOT96 Enable
Output Enable
RW
Disable-Low/Low
Enable
1
Bit 6
NS_SAS1 Enable
Output Enable
RW
Disable-Low/Low
Enable
1
Bit 5
NS_SAS0 Enable
Output Enable
RW
Disable-Low/Low
Enable
1
Bit 4
NS_SRC1 Enable
Output Enable
RW
Disable-Low/Low
Enable
1
Bit 3
NS_SRC0 Enable
Output Enable
RW
Disable-Low/Low
Enable
1
Bit 2
SRC2 Enable
Output Enable
RW
Disable-Low/Low
Enable
1
Bit 1
SRC1 Enable
Output Enable
RW
Disable-Low/Low
Enable
1
Bit 0
SRC0 Enable
Output Enable
RW
Disable-Low/Low
Enable
1
SMBus Table: Output Enable Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
REF14_2x Enable
Output Enable
RW
Disable-Low
Enable
1
Bit 6
0
Bit 5
0
Bit 4
CPU3
Output Enable
RW
Disable-Low/Low
Enable
1
Bit 3
CPU2
Output Enable
RW
Disable-Low/Low
Enable
1
Bit 2
CPU1
Output Enable
RW
Disable-Low/Low
Enable
1
Bit 1
CPU0
Output Enable
RW
Disable-Low/Low
Enable
1
Bit 0
0
SMBus Table: Output Enable Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
PCI4 Enable
Output Enable
RW
Disable-Low
Enable
1
Bit 4
PCI3 Enable
Output Enable
RW
Disable-Low
Enable
1
Bit 3
PCI2 Enable
Output Enable
RW
Disable-Low
Enable
1
Bit 2
PCI1 Enable
Output Enable
RW
Disable-Low
Enable
1
Bit 1
PCI0 Enable
Output Enable
RW
Disable-Low
Enable
1
Bit 0
48MHz Enable
Output Enable
RW
Disable-Low
Enable
1
SMBus Table: Differential Amplitude Control
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
CPU AMPLITUDE 1
RW
00 = 700mV
01 = 800mV
0
Bit 6
CPU AMPLITUDE 0
RW
10 = 900mV
11 = 1000mV
1
Bit 5
SRC AMPLITUDE 1
RW
00 = 700mV
01 = 800mV
0
Bit 4
SRC AMPLITUDE 0
RW
10 = 900mV
11 = 1000mV
1
Bit 3
DOT96 AMPLITUDE 1
RW
00 = 700mV
01 = 800mV
0
Bit 2
DOT96 AMPLITUDE 0
RW
10 = 900mV
11 = 1000mV
1
Bit 1
NS-SAS/SRC AMPLITUDE 1
RW
00 = 700mV
01 = 800mV
0
Bit 0
NS-SAS/SRC AMPLITUDE 0
RW
10 = 900mV
11 = 1000mV
1
SMBus Table: Reserved
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
1
Bit 0
1
RESERVED
Byte 3
62/61
14
RESERVED
Byte 0
24/25
48/47
44/43
50/49
60/59
36/35
34/33
5
13
56/55
42/41
54/53
Byte 2
16
Byte 4
17
21
RESERVED
RESERVED
CPU Vhigh
SRC Vhigh
DOT96 Vhigh
NS-SAS/SRC Vhigh
30/31
Byte 1
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com