Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456AGLF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 932SQL456AGLF
Description  Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456AGLF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 932SQL456AGLF Datasheet HTML 4Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 5Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 6Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 7Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 8Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 9Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 10Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 11Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
8
REVISION B 09/29/15
932SQL456 DATASHEET
Functionality Tables
Clock AC Tolerances
Clock Periods–Outputs
932SQL456 Functionality
CPU
SRC
PCI
REF
NS_SAS
NS_SRC
DOT96
USB
100
100
33.33
14.318
100.00
96.00
48.00
MHz
932SQL456 Power Down Functionality
CKPWRGD#/PD
Differential
Outputs
Single-
ended
Outputs
Single-
ended
Outputs
w/Latch
1Low/Low
Low
Low
1
0
1. Single-ended outputs with a Latch will be Hi-Z until
the first application of CKPWRGD#.
Running
CPU, SRC
NS_SAS,
NS_SRC
PCI
DOT96
48MHz
REF
100
100
100
100
100
100
ppm
50
50
250
50
250
250
ps
0.00%
0.00%
0.00%
0
0.00%
0.00%
%
PPM tolerance
Cycle to Cycle Jitter
Spread
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
-c2c jitter
AbsPer
Min
-SSC
Short-Term
Average
Min
- ppm
Long-Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-Term
Average
Max
+SSC
Short-Term
Average
Max
+c2c jitter
AbsPer
Max
CPU,
SRC,
NS_SAS,
NS_SRC
100.000
9.94900
9.99900
10.00000
10.00100
10.05100
ns
1,2
PCI
33.333
29.74700
29.99700
30.00000
30.00300
30.25300
ns
1,2
DOT96
96.000
10.36563
10.41563
10.41667
10.41771
10.46771
ns
1,2
48MHz
48.000
20.58125
20.83125
20.83333
20.83542
21.08542
ns
1,2
REF
14.318
69.78429
69.83429
69.84128
69.84826
69.89826
ns
1,2
1Guaranteed by design and characterization, not 100% tested in production.
Notes
2 All Long Term Accuracy specifications are guaranteed with the assumption that the REF output is tuned to exactly 14.31818MHz.
Measurement Window
Units
SSC OFF
Center
Freq.
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com