Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456AGLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 932SQL456AGLF
Description  Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456AGLF Datasheet(HTML) 1 Page - Integrated Device Technology

  932SQL456AGLF Datasheet HTML 1Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 2Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 3Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 4Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 5Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 6Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 7Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 8Page - Integrated Device Technology 932SQL456AGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DATASHEET
932SQL456 REVISION B 09/29/15
1
©2015 Integrated Device Technology, Inc.
Low-Power CK420BQ Derivative for PCIe
Separate Clock Architectures
932SQL456
General Description
The 932SQL456 is a low power version of the CK420BQ
synthesizer for Intel-based server platforms. It has 85 ohm
Low-Power (LP) HCSL outputs that save 48 resistors and
reduce power consumption by 50% compared to the standard
CK420BQ. The 932SQL456 is driven with a 25MHz crystal for
maximum performance. It generates CPU outputs of
100MHz. This device meets Separate- Reference-no-Spread
(SRnS) PCIe requirements making it ideal for use in systems
that need to communicate “outside the box”.
Recommended Application
Low-Power CK420BQ for SRnS PCIe Applications
Key Specifications
CPU, SRC, NS_SRC and NS_SAS cycle-cycle jitter <50ps
Output to output skew <50ps
Phase jitter: PCIe Gen2 SRnS <2.2ps rms
Phase jitter: PCIe Gen3 SRnS <0.7ps rms
Phase jitter: QPI <0.3ps rms
Phase jitter: NS-SAS <1.3ps rms using long period phase
jitter method
Features/Benefits
Integrated 85-ohm differential terminations; saves 48
resistors compared to CK420BQ
LP-HCSL outputs; up to 50% power savings compared to
standard CK420BQ
64-pin TSSOP and VFQFPN packages; smallest board
footprint
Available in -40° to +85°C industrial temperature range
version; supports demanding operating environments
Output Features
Differential outputs are LP-HCSL with integrated 85Ω
terminations
11 – non-spreading interchangeable 100MHz differential
outputs
4 – “CPU” outputs
2 – “NS_SAS” outputs
2 – “NS_SRC” outputs
3 – “SRC” outputs
1 – DOT96 96MHz output
1 – 3.3V 48M output
5 – 3.3V PCI outputs
1 – 3.3V 14.318M output
Pin Configurations
SMBCLK 1
64 SMBDAT
GND14 2
63 VDDCPU
AVDD14 3
62 CPU3_Z85T
VDD14 4
61 CPU3_Z85C
vREF14_2x/TEST_SELLV 5
60 CPU2_Z85T
GND14 6
59 CPU2_Z85C
GNDXTAL 7
58 GNDCPU
X1_25 8
57 VDDCPU
X2_25 9
56 CPU1_Z85T
VDDXTAL 10
55 CPU1_Z85C
GNDPCI 11
54 CPU0_Z85T
VDDPCI 12
53 CPU0_Z85C
PCI4_2x 13
52 GNDNS
PCI3_2x 14
51 AVDD_NS_SAS
PCI2_2x 15
50 NS_SAS1_Z85T
PCI1_2x 16
49 NS_SAS1_Z85C
PCI0_2x 17
48 NS_SAS0_Z85T
GNDPCI 18
47 NS_SAS0_Z85C
VDDPCI 19
46 GNDNS
VDD48 20
45 VDDNS
48M_2x 21
44 NS_SRC1_Z85T
GND48 22
43 NS_SRC1_Z85C
GND96 23
42 NS_SRC0_Z85T
DOT96_Z85T 24
41 NS_SRC0_Z85C
DOT96_Z85C 25
40 NC
AVDD96 26
39 GNDSRC
TEST_MODE 27
38 AVDD_SRC
CKPWRGD#/PD 28
37 VDDSRC
VDDSRC 29
36 SRC2_Z85T
SRC0_Z85T 30
35 SRC2_Z85C
SRC0_Z85C 31
34 SRC1_Z85T
GNDSRC 32
33 SRC1_Z85C
64-TSSOP
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldown
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
GNDPCI 1
48 GNDCPU
VDDPCI 2
47 VDDCPU
PCI4_2x 3
46 CPU1_Z85T
PCI3_2x 4
45 CPU1_Z85C
PCI2_2x 5
44 CPU0_Z85T
PCI1_2x 6
43 CPU0_Z85C
PCI0_2x 7
42 GNDNS
GNDPCI 8
41 AVDD_NS_SAS
VDDPCI 9
40 NS_SAS1_Z85T
VDD48 10
39 NS_SAS1_Z85C
48M_2x 11
38 NS_SAS0_Z85T
GND48 12
37 NS_SAS0_Z85C
GND96 13
36 GNDNS
DOT96_Z85T 14
35 VDDNS
DOT96_Z85C 15
34 NS_SRC1_Z85T
AVDD96 16
33 NS_SRC1_Z85C
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldown
64-Pin VFQFPN
932SQL456
epad = pin 65,
connect to GND


Similar Part No. - 932SQL456AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
932SQL456AGLF IDT-932SQL456AGLF Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe
logo
Renesas Technology Corp
932SQL456AGLF RENESAS-932SQL456AGLF Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
09/29/15
logo
Integrated Device Techn...
932SQL456AGLFT IDT-932SQL456AGLFT Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe
logo
Renesas Technology Corp
932SQL456AGLFT RENESAS-932SQL456AGLFT Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
09/29/15
More results

Similar Description - 932SQL456AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426_16 Datasheet
375Kb / 25P
DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe
9SQL4952 IDT-9SQL4952 Datasheet
312Kb / 20P
2-output CK420BQ Derivative
9SQL4954 IDT-9SQL4954 Datasheet
320Kb / 20P
4-output CK420BQ Derivative
9SQL4958 IDT-9SQL4958 Datasheet
318Kb / 20P
8-output CK420BQ Derivative
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
932SQL456 RENESAS-932SQL456 Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
09/29/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com